Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVC12122 Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # PVC12122
Description  Polyester and Polypropylene Film/Foil Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

PVC12122 Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  PVC12122 Datasheet HTML 1Page - Cornell Dubilier Electronics PVC12122 Datasheet HTML 2Page - Cornell Dubilier Electronics PVC12122 Datasheet HTML 3Page - Cornell Dubilier Electronics PVC12122 Datasheet HTML 4Page - Cornell Dubilier Electronics PVC12122 Datasheet HTML 5Page - Cornell Dubilier Electronics PVC12122 Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type PVC Polyester and Polypropylene Film/Foil Capacitors
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Specifications
Polyester Film/Foil (100 V– 1000 V) and Polypropylene Film/Foil (1200 V - 2000 V)
Highlights
♦
RoHS Compliant
♦
Rugged epoxy case material meets UL94V0
♦
Film/foil polyester 100 – 1000 Vdc
♦
Film/foil polypropylene - 1200 Vdc – 2000 Vdc
♦
Non-inductively wound
♦
Non-polar
♦
Crimped leads for secure PC board insertion
♦
Lead material: tinned copper clad steel
Capacitance Range:
Capacitance Tolerance:
Voltage Range:
Operating Temperature Range:
Insulation Resistance (IR):
Dissipation Factor (DF):
Dielectric Withstand Voltage:
Life Test:
0.001 µF to 1.0 µF
±10%
Polyester: 100 Vdc to 1000 Vdc (70 Vac – 200 Vac 50/60 Hz)
Polypropylene: 1200 Vdc to 2000 Vdc (475 Vac – 500 Vac 50/60 Hz)
Polyester: –55 ºC to +125 ºC
Polypropylene: –55 ºC to +105 ºC
(Full rated voltage up to 85 ºC. Derate linearly to 50% rated voltage
at max temperature)
Polyester: 100,000 MΩ for ≤ 0.25 µF, 25,000 MΩ • µF for ≥ 0.25 µF
Polypropylene: 400,000 MΩ for ≤ 0.50 µF, 200,000 MΩ • µF for ≥
0.50 µF
After 2 minutes at rated voltage or 500V whichever is less. +25 ºC
0.75% max for <1200 V, 0.1% max for ≥1200 V. +25 ºC
250% rated voltage for <1000 V, 200% rated voltage for ≥1000 V. 5
seconds, +25 ºC
500 hours at +85 ºC, 1.5 times rated DC voltage
The Type PVC is a sturdy film and extended foil con-
struction ideal for bypass and coupling applications.
Extended foil construction is as good as it gets for low
DF and high current applications. The PVC is encap-
sulated in a rugged, flame retardant, epoxy coating with
the leads crimped to provide secure seating on printed
circuit boards.


Similar Part No. - PVC12122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PVC1204012WL ETC1-PVC1204012WL Datasheet
330Kb / 7P
Liquid Crystal Displays
More results

Similar Description - PVC12122

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KP460 ETC1-KP460 Datasheet
1,015Kb / 29P
Polypropylene film foil capacitors
WMC08D1K-F ETC2-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
logo
Cornell Dubilier Electr...
DLR1D1K-F CDE-DLR1D1K-F Datasheet
183Kb / 1P
Film/Foil Polyester Film Capacitors
WMC08D1K-F CDE-WMC08D1K-F Datasheet
137Kb / 2P
Polyester Film/Foil Capacitors
WPP1D1K-F CDE-WPP1D1K-F Datasheet
156Kb / 2P
Film/Foil Polypropylene Capacitors
logo
Electronic Film Capacit...
1206EFRA EFC-1206EFRA Datasheet
13Kb / 1P
Polypropylene and Foil Capacitors
1206TC EFC-1206TC Datasheet
12Kb / 1P
Polypropylene and Foil Capacitors
logo
RFE international
LM472M2A RFE-LM472M2A Datasheet
60Kb / 1P
POLYESTER FILM CAPACITORS LM Series: Radial, Polyester, Film Foil
L104M2A RFE-L104M2A Datasheet
61Kb / 1P
POLYESTER FILM CAPACITORS L Series: Radial, Polyester, Film Foil
logo
Vishay Siliconix
KP460 VISHAY-KP460_02 Datasheet
1Mb / 29P
Polypropylene film foil capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com