Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF192S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DF192S
Description  Thermal Cut-Offs
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DF192S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DF192S Datasheet HTML 1Page - List of Unclassifed Manufacturers DF192S Datasheet HTML 2Page - List of Unclassifed Manufacturers DF192S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-2902
E-mail: sales@cantherm.com • Website: www.cantherm.com
Thermal Cut-Offs
SDJ1/SDJ2
2007/June
GENERAL
Our Thermal Cut-Offs (Organic Thermal Element
Type) are used to prevent fires caused by
abnormal heat generation from circuits and other
heat producing electrical products. They are a
non-resettable thermal fuse which open electrical
contacts when temperatures exceed the specified
level.
APPLICATIONS
• Electric home appliances and heating devices
• Coil-winding products and power supplies
• Office equipment and telecommunication devices
• Automobiles & other electronic components
OPERATING PRINCIPLE
When the ambient temperature rises to the function-
ing temperature, the thermal element melts and the
springs move the contact away and open the circuit
permanently.
Division of Microtherm
International Corporation
CAUTIONS
• Bends in leads should be at least 3mm from the
body of the TCO.
• Extreme caution must be used while soldering,
use a heatsink and avoid heating above Tf -24°C.
• The metal portion of the TCO is electrically live
and may require insulation.
• Do not use in liquids or poisonous gasses such as
sulfuric acid or nitrous oxide.
• Do not connect heater directly to the cutoff.
DIMENSIONS (mm)
APPROVALS
UL & cUL: E117626
VDE: 115369, 116219
PSE: JET2926-32001-1001-1009
CCC: 2003010205079617
EK: HH05009-2004A-2019A


Similar Part No. - DF192S

ManufacturerPart #DatasheetDescription
logo
Thermtrol Corporation
DF192S THERMTROL-DF192S Datasheet
136Kb / 2P
DF SERIES 15 AMP THERMAL CUTOFFS
More results

Similar Description - DF192S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TH10 TI-TH10 Datasheet
168Kb / 2P
Thermal Cut-out
15AM TI-15AM Datasheet
193Kb / 2P
Motor Protector/Thermal Cut-out
logo
List of Unclassifed Man...
B12A12005L310100U253 ETC2-B12A12005L310100U253 Datasheet
1Mb / 4P
Thermal motor protector Temperature limiter Thermal cut-out
logo
Token Electronics Indus...
FRU5MA1RJP TOKEN-FRU5MA1RJP Datasheet
361Kb / 3P
FKU/FRU Thermal Cut-offs Resistors
logo
Panasonic Semiconductor
ERU5TBJ6R8 PANASONIC-ERU5TBJ6R8 Datasheet
90Kb / 3P
Wirewound Resistor with Ther mal Cut-offs
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
Cement Resistor With Thermal Cut-Off
logo
Panasonic Semiconductor
ERU-5TBJ100 PANASONIC-ERU-5TBJ100 Datasheet
90Kb / 3P
Wirewound Resistor with Ther mal Cut-offs
logo
List of Unclassifed Man...
RCT ETC-RCT Datasheet
529Kb / 1P
THERMAL CUT-OFF RESISTOR
2MM ETC2-2MM Datasheet
610Kb / 2P
Motor Protector/Thermal Cut-Out
125295 ETC-125295 Datasheet
1Mb / 12P
Thermal Extrusions Cut to Length
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com