Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CTVABB3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CTVABB3
Description  Ceramic Surface Mount TCVCXO
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CTVABB3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CTVABB3 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CARDINAL COMPONENTS
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
CARDINAL COMPONENTS
CARDINAL COMPONENTS
Specifications:
SERIES
OPERATING TEMP.
A6
STABILITY
FREQUENCY
22.5792
PACKAGING OPTIONS
Z
Frequency Range:
1.000 MHz to 200.000 MHz
Blank = Bulk
A6 = 0°C ~ +70°C
Available Stability Options:
Output Series:
HCMOS
+3.3 VDC ±5%
Frequency Tuning Range:
External Control Voltage:
Output Voltage:
HCMOS VOL=10%VDD V Max.
Operating Temperature
Output Load:
Maximum Input Current:
Maximum Rise/Fall Time:
Duty Cycle:
45/55%
Tape and Reel (1K per Reel)
-40°C to +85°C
HCMOS VOH=90%VDD V Min.
0°C to +70°C
Input Voltage:
Vdd Rise Time:
Packaging:
Storage Temperature:
< 20 pS
< -100dBc/Hz
< 10 pS
+1.65 VDC, ±1.35 VDC @ 3.3V input
Solder Pad Layout
AB = -30°C ~ +70°C
-30°C to +70°C
Phase Noise@10 kHz:
µS
12kHz to 20MHz
Z = Tape and Reel
RMS Integrated Jitter:
RMS Period Jitter:
4 nS
15 pF
Applications
CTV
Ceramic Surface Mount TCVCXO
CTV
B3
CTV
± 2.5 ppm
Min: 100
40 mA
±35 ppm
B3 = ± 2.5 ppm
Part Numbering Example: CTV Z - A6 B3 - 22.5792
E-Mail: sales@cardinalxtal.com
PIN FUNCTION
8 Vdd
5 OUTPUT
4 GND
6 DO NOT CONNECT
1V cont
2 DO NOT CONNECT
7 DO NOT CONNECT
1
2
3
4
5
6
7
8
1
2
3
4
5
6
7
8
* Fast Delivery
* 1.8 mm Max. Height
* Serial Communications
Platinum Series
* Test Equipment
3 OE (WITH PULLUP)
* Industrial Control
10
* HCMOS Output
CTV
Rev.1-11/3/05


Similar Part No. - CTVABB3

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
CTV CARLOGAVAZZI-CTV Datasheet
476Kb / 5P
Split core current sensor
CTV-1X CARLOGAVAZZI-CTV-1X Datasheet
476Kb / 5P
Split core current sensor
CTV-2X CARLOGAVAZZI-CTV-2X Datasheet
476Kb / 5P
Split core current sensor
CTV-3X CARLOGAVAZZI-CTV-3X Datasheet
476Kb / 5P
Split core current sensor
CTV-4X CARLOGAVAZZI-CTV-4X Datasheet
476Kb / 5P
Split core current sensor
More results

Similar Description - CTVABB3

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
MTCVO11 MTRONPTI-MTCVO11 Datasheet
62Kb / 1P
Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
MTCVO25 MTRONPTI-MTCVO25 Datasheet
70Kb / 1P
Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
MTCVO1121 MTRONPTI-MTCVO1121 Datasheet
62Kb / 1P
Surface Mount Temperature Compensated Voltage Controlled Crystal Oscillators (TCVCXO)
logo
ILSI America LLC
I531-7Q3-20.000 ILSI-I531-7Q3-20.000 Datasheet
45Kb / 1P
Surface Mount Oscillator, TCXO, TCVCXO Ceramic Package, 5 mm x 7 mm
logo
Raltron Electronics Cor...
RTVS-104 RALTRON-RTVS-104 Datasheet
60Kb / 1P
SURFACE MOUNT TEMPERATURE COMPENSATED VOLTAGE CONTROLLED OSCILLATOR-TCVCXO
RTVY-124 RALTRON-RTVY-124 Datasheet
83Kb / 1P
SURFACE MOUNT TEMPERATURE COMPENSATED VOLTAGE CONTROLLED OSCILLATOR- TCVCXO
logo
IQD Frequency Products ...
LFSPXO068248 IQD-LFSPXO068248 Datasheet
198Kb / 2P
TCVCXO
LFTVXO009901 IQD-LFTVXO009901 Datasheet
708Kb / 2P
TCVCXO
LFTVXO009909 IQD-LFTVXO009909 Datasheet
708Kb / 2P
TCVCXO
LFTVXO075804 IQD-LFTVXO075804 Datasheet
143Kb / 2P
TCVCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com