Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR620 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR620
Description  20AMPS 100 - 200 VOLTS ULTRA FAST RECOVERY RECTIFIER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR620 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR620 Datasheet HTML 1Page - Solid States Devices, Inc SDR620 Datasheet HTML 2Page - Solid States Devices, Inc SDR620 Datasheet HTML 3Page - Solid States Devices, Inc SDR620 Datasheet HTML 4Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (per leg)
Symbol Minimum
Maximum
Unit
Instantaneous Forward Voltage Drop
IF = 10A
(TA = 25
oC, 300 – 500
μsec Pulse)
IF = 20A
VF1
VF2
--
--
1.1
1.4
VDC
Instantaneous Forward Voltage Drop
TA = 100
oC
(IF = 10A, 300 – 500μs Pulse)
TA = -55
oC
VF3
VF4
--
1.0
1.25
VDC
Reverse Leakage Current
TA = 25
oC
(Rated VR, 300μs Pulse min.)
TC = 100
oC
IR1
IR2
--
--
10
1.0
μA
mA
Junction Capacitance
(VR =10 VDC, TA = 25
oC, f = 1MHz)
CJ
--
225
pF
Reverse Recovery Time
(TA = 25
oC, I
F = 0.5A, IR = 1.0 A, IRR = 0.25A
trr
--
35
nsec
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR620/59
SDR621/59
SDR622/59
NOTES:
* Pulse Test: Pulse Width = 300
μsec, Duty Cycle = 2%
1. Unless Otherwise Specified, All Electrical Characteristics @25ºC
PACKAGE OUTLINE: TO-59 2 PIN
Case Outline: TO-59
PIN OUT:
PIN 1: ANODE
PIN 3: CATHODE
*For information on curves, contact the Factory Representative for Engineering Assistance.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0117A
DOC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com