Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD6555 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD6555
Description  6AMPS 1300VOLTS 5 nsec STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6555 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD6555 Datasheet HTML 1Page - Solid States Devices, Inc SPD6555 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
SPD65 ___
___ ___
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Package Type
___ = Axial
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
└
Family/Voltage
54 = 800 V
55 = 1000 V
56 = 1200 V
57 = 1300 V
SPD6557 Series
6 AMPS
1300 VOLTS
5
μsec
STANDARD RECOVERY
RECTIFIER
FEATURES:
•
Standard Recovery: 5
μsec maximum
•
PIV up to 1500 Volts
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
Single Chip Construction
•
High Voltage Replacement for 1N5553 &1N5554
•
Low Thermal Resistance
•
Available with 0.040” diameter leads
•
TX, TXV, and Space Level Screening Available
2/
•
Fast Recovery Versions Available.
Contact Factory.
•
For higher voltages-See SSDI p/n SDR6W
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD6557
SPD6556
SPD6555
SPD6554
VRRM
VRWM
VR
1300
1200
1000
800
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave, TA=25
oC)
IO
6
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, Superimposed on IO, allow junction to
reach equilibrium between pulses, TA=25
oC)
IFSM
150
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 0.125” (Axial Lead)
Junction to End Tab (Surface Mount
RθJL
RθJE
8
4
oC/W
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flow Available on Request.
Axial
Surface Mount
Square Tab
(SMS)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0086E
DOC


Similar Part No. - SPD6555

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6555 SSDI-SPD6555 Datasheet
36Kb / 2P
6 AMPS 1300 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD6555 SSDI-SPD6555 Datasheet
77Kb / 2P
STANDARD RECOVERY RECTIFIER
More results

Similar Description - SPD6555

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
ATH06T033-9 ASTEC-ATH06T033-9 Datasheet
545Kb / 2P
6Amps
logo
Solid States Devices, I...
SPD3595 SSDI-SPD3595 Datasheet
166Kb / 2P
150mA 125 VOLT 3 nsec STANDARD RECOVERY
SDR1183 SSDI-SDR1183 Datasheet
97Kb / 2P
35 Amp 50-600 Volt 5 nsec STANDARD RECOVERY RECTIFIER
SPD3595 SSDI-SPD3595_1 Datasheet
113Kb / 2P
STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550_1 Datasheet
156Kb / 2P
STANDARD RECOVERY RECTIFIER
logo
Digitron Semiconductors
1N1183 DIGITRON-1N1183 Datasheet
124Kb / 3P
STANDARD RECOVERY RECTIFIER
logo
Solid States Devices, I...
R00005B SSDI-R00005B Datasheet
97Kb / 2P
STANDARD RECOVERY RECTIFIER
R00019B SSDI-R00019B Datasheet
45Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0046F SSDI-RC0046F Datasheet
137Kb / 2P
STANDARD RECOVERY RECTIFIER
RC0091C SSDI-RC0091C_15 Datasheet
100Kb / 2P
STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com