Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR429 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR429
Description  1AMP, 700V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR429 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR429 Datasheet HTML 1Page - Solid States Devices, Inc SDR429 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0008C
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
SDR429
__ __
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└
Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
SDR429
SDR429SMS
1 AMP, 700 V
Hyper Fast
Rectifier
Features:
• High Voltage 700 V continuous
• Very Fast Switching < 20 nS
• Low High Temperature Leakage < 15 µA
• Very Fast Switching @ 100 º C < 35 nS
• Hermetically Sealed
• Higher Voltages Available, consult Factory
• TX, TXV, S Level screening Available2/
• Available Axial Leaded or Surface Mount (Square Tab)
Maximum Ratings
Symbol
Value
Units
Peak Repetitive and Peak Surge Reverse Voltage
VRRM
VRSM
700
Volts
Average Rectified Forward Current
(Resistive Load, 60 hz Sine Wave)
Io
1.0
Amps
Non Repetitive Surge Current
(8.3 ms Pulse Half Sine Wave Superimposed on Io)
IFSM
18
Amps
Operating & Storage Temperature
Top & Tstg
-55 to +175
ºC
Maximum Thermal Resistance
Junction to Lead, L = 1/8 "
Junction to End Tab
RθJL
RθJE
12
9
ºC/W
NOTES:
1/ For Ordering Information, Price, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
Axial Lead Diode
SMS


Similar Part No. - SDR429

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR429 SSDI-SDR429 Datasheet
157Kb / 2P
1 AMP, 700 V Hyper Fast Rectifier
SDR429SMS SSDI-SDR429SMS Datasheet
157Kb / 2P
1 AMP, 700 V Hyper Fast Rectifier
More results

Similar Description - SDR429

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDA276-F SSDI-SDA276-F Datasheet
203Kb / 2P
1AMP FAST RECOVERRY RECTIFIER BRIDGE ASSEMBLY
SHF1100SM SSDI-SHF1100SM_1 Datasheet
74Kb / 2P
HYPER FAST RECTIFIER
SHF1402 SSDI-SHF1402_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SPD502 SSDI-SPD502_1 Datasheet
45Kb / 2P
HYPER FAST RECTIFIER
SRL2040 SSDI-SRL2040 Datasheet
98Kb / 2P
HYPER FAST RECTIFIER
RC0093 SSDI-RC0093_15 Datasheet
171Kb / 2P
Hyper Fast Rectifier
RC0097B SSDI-RC0097B_15 Datasheet
175Kb / 2P
Hyper Fast Rectifier
RC0157A SSDI-RC0157A_15 Datasheet
117Kb / 2P
Hyper Fast Rectifier
RH0027C SSDI-RH0027C_15 Datasheet
135Kb / 2P
HYPER FAST RECTIFIER
RH0101D SSDI-RH0101D_15 Datasheet
102Kb / 2P
Hyper Fast Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com