Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EF1C513 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EF1C513
Description  PTC Thermistors Temperature Sensors for Motor Protection and Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EF1C513 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EF1C513 Datasheet HTML 1Page - List of Unclassifed Manufacturers EF1C513 Datasheet HTML 2Page - List of Unclassifed Manufacturers EF1C513 Datasheet HTML 3Page - List of Unclassifed Manufacturers EF1C513 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PTC Thermistors
Temperature Sensors for Motor
Protection and Electronics
(temperature-sensitive resistors)
FEATURES
– rapid response protection for electrical machines
– compact size for easy assembly into windings
– silvered copper leads
Cantherm
YD
1
YG
1
YD
3
YG
3
EF
1
YGM 1
YGM 3
TKA 1
TKA 2
DESCRIPTION
PTC thermistors act as thermal protection for electrical machines, and
are well known particularly as motor-protectors. They are available with
or without insulating sleeve and have flexible connecting leads.
PTC thermistors have a non-linear resistance/temperature response,
and at a specified temperature the resistance changes rapidly to a very
high value.
DIMENSIONS
YD 1
Single thermistor
with shrunk-sleeve
YGM 1
Mini-version
with shrunk-sleeve
YD 3
Triplet version (in series)
YGM 3
Mini-version
EF 1
Sensor
Standard
mini
threaded
CANTHERM
8415 Mountain Sights Avenue • Montreal (Quebec), H4P 2B8, Canada
Tel: (514) 739-3274 • 1-800-561-7207 • Fax: (514) 739-290
E-mail : sales@cantherm.com • Website: www.cantherm.com


Similar Part No. - EF1C513

ManufacturerPart #DatasheetDescription
logo
YORKVILLE
EF10 YORKVILLE-EF10 Datasheet
1,007Kb / 1P
10-INCH PASSIVE LOUDSPEAKER
logo
K.A. Schmersal GmbH & C...
EF10.1 SCHMERSAL-EF10.1 Datasheet
8Mb / 124P
Command and signalling devices
logo
Electronic devices inc.
EF100 EDI-EF100 Datasheet
54Kb / 2P
HIGH VOLTAGE HIGH CURRENT MINIATURE RECTIFIERS
logo
Frontier Electronics.
EF1005CT FRONTIER-EF1005CT Datasheet
1Mb / 2P
10.0A GLASS PASSIVATED EFFCIENCY FAST RECTIFIERS-50-600V
logo
Formosa MS
EF1005CT FORMOSA-EF1005CT Datasheet
51Kb / 6P
Effciency Fast Rectifiers
More results

Similar Description - EF1C513

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
232267191002 VISHAY-232267191002 Datasheet
75Kb / 5P
PTC Thermistors, For Temperature Protection
10-Oct-03
logo
EPCOS
B59008 EPCOS-B59008 Datasheet
253Kb / 9P
PTC thermistors as limit temperature sensors
B59100 EPCOS-B59100_09 Datasheet
293Kb / 9P
PTC thermistors as limit temperature sensors
B59901 EPCOS-B59901_09 Datasheet
241Kb / 9P
PTC thermistors as limit temperature sensors
B59421A0075A062 EPCOS-B59421A0075A062 Datasheet
226Kb / 10P
PTC thermistors as limit temperature sensors
B59100M1120A70 EPCOS-B59100M1120A70 Datasheet
274Kb / 11P
PTC thermistors as limit temperature sensors
B59901D60A40 EPCOS-B59901D60A40 Datasheet
90Kb / 9P
PTC thermistors as limit temperature sensors
logo
Vishay Siliconix
PTCSGM3 VISHAY-PTCSGM3 Datasheet
107Kb / 4P
PTC Thermistors, Lug Sensors for Over-Temperature Protection
15-Dec-15
PTCSG VISHAY-PTCSG Datasheet
111Kb / 5P
PTC Thermistors, For Temperature Protection
19-Dec-07
PTCSSLVT VISHAY-PTCSSLVT Datasheet
109Kb / 4P
PTC Thermistors, Sleeve Type for Over-Temperature Protection
03-Sep-10
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com