Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBT71210F Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # DBT71210F
Description  high voltage reed relays 15kV, 50W
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DBT71210F Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  DBT71210F Datasheet HTML 1Page - List of Unclassifed Manufacturers DBT71210F Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO9001 Certified
USA
EUROPE - UK
ASIA - Thailand
Sales & Tech Support(866) 258-5057
Telephone +44 (0) 1202 897969
Telephone +66 (0)2 665 2517
Email: sales@cynergy3.com
Fax +44 (0) 1202 891918
Fax +66 (0)2 665 2588
Cynergy3 Components
Email:sales@cynergy3.com
Cynergy 3 Components, Asia
2320 Paseo de las Americas, Suite 104
Cynergy3 Components Ltd.
18/8 Fico Place 12th Floor
San Diego, CA 92154
7 Cobham Road
Soi Sukhumvit 21 (Asoke)
Ferndown Industrial Estate
Klongtoey Nua, Wattana
Wimborne, Dorset BH21 7PE
Bangkok, Thailand 10110
© 2007 Cynergy3 Components, All Rights Reserved. Specifications are subject to change without prior notice. Cynergy3 Components and the Cynergy3 Components logo are trademarks of Cynergy3 Components Corp.
*Other names and brands may be claimed as the property of others.
D series
high voltage reed relays
15kV, 50W
Mounting Style:
No suffix: Standard PCB mount
F: Flying Lead Contact Terminals
P: Panel Mount via nylon studs, turret contact/coil terminals
S: Panel Mount via nylon studs, Faston* style spade terminals
Part Numbering System
Reed Switch size:
D
D A
T
7 24 15 F
Contact Form -
A: Form A B: Form B
Contact Material
R: Rhodium T: Tungsten
Moulding Ref.
Number
Coil Voltage
05: 5V 12: 12V 24: 24V
Isolation Between Contacts -
10: 10kV, 15: 15kV (dat only)
1
2
3
4
1
2
4
3
1
2
3
4
1
3
4
2
1
4
3
2
+
-
2 Mounting Studs
M4 Complete with
Nuts, Nylon 66
FORM A (NO)
FORM B (NC)
NOTE: COIL POLARITY IS IMPORTANT
FOR FORM B VARIANT ONLY.
NOTE: PINS WHICH ARE NOT NUMBERED
HAVE NO ELECTRICAL CONNECTION.
STANDARD
(e.g. DAT71210)
(e.g. DAT71210P)
PANEL MOUNT
(e.g. DAT71210S)
FLYING LEAD
60.0
(0.62")
18.5
(0.15")
25.4
5.1
10.2
(0.2")
(0.4")
(1.0")
(2.0")
(0.25")
6.3
(0.39")
10.0
25.4
(1.0")
9.5
(0.37")
(2.0")
50.8
13.0
~300 (12.0”)
4.0
(0.73")
(2.36")
15.8
50.8
CIRCUIT DIAGRAMS
(ALL VARIANTS)
Viewed from underside
(2.0")
50.8
(e.g. DAT71210F)
SPADE TYPE
3
4
2 Mounting Studs
M4 complete with nuts, Nylon 66.
Requires 2x holes minimum 4.1mm.
1
2
'S' Suffix denotes the 6.3 'Push On'
blade connectors, M4 fixing bolts and Epoxy potting.
2 Pins 0.635 Square
15.8 (0.62)
10.16(0.4”)
60.0
50.80 (2.0”)
4.0
18.5 (0.73”)
25.40
5.08 (0.2”)
+-1
48.00
11.60(0.46”)
11.0 (0.43”)
9.00 -+1
30.0(1.18”) max
(2.36”)
(1.88”)
(0.16”) (0.35”)
(1.0”)
(0.5”)
Requires 2x holes minimum 4.1mm.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com