Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHF1206S Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SHF1206S
Description  2AMP 400-900V Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHF1206S Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SHF1206S Datasheet HTML 1Page - Solid States Devices, Inc SHF1206S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SHF1204 & SHF1204SMS
thru
SHF1209 & SHF1209SMS
Electrical Characteristic
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(IF = 1.2ADC, TA = 25ºC; pulsed)
VF
1.7
VDC
Instantaneous Forward Voltage Drop
(IF = 2ADC, TA = 25ºC; pulsed)
VF
1.9
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC; pulsed)
IR
10
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC; pulsed)
IR
1
mA
Junction Capacitance
(VR=10VDC, TA=25ºC, f=1MHz)
CJ
22
pF
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 25ºC)
(IF = 500mA, IR = 1A, IRR = 250mA, TA = 100ºC)
tRR
40
80
nsec
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0081G
Case Outline: (Axial)
B
ØC
ØA
D
D
DIM
MIN
MAX
A
0.
0
100”
.130”
B
0.
0
130”
.180”
C
0.
0
027”
.033”
D
1.
-
00”
-
Case Outline: (SMS)
C
B
A
A
D
DIM
MIN
MAX
A
0.
0
127”
.140”
B
0.
0
180”
.230”
C
0.
0
020”
.030”
D
0.
-
002”
-



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com