Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD6631S Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD6631S
Description  2.8 - 4 AMPS 200 - 1000 VOLTS 30 - 60 nsec HYPER FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD6631S Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD6631S Datasheet HTML 1Page - Solid States Devices, Inc SPD6631S Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0113D
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPD
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
B = Axial w/ .040” lead diameter
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
6626 = 200V
6629 = 800V
6627 = 400V
6630 = 900V
6628 = 600V
6631 = 1000V
SPD6626 thru SPD6631
SPD6626SMS thru SPD6631SMS
2.8 - 4 AMPS,
200 - 1000 VOLTS
30 - 60 nsec
HYPER FAST RECOVERY
RECTIFIER
FEATURES:
•
Hyper Fast Recovery: 30 - 60 nsec maximum
•
Guaranteed High Temp. trr: 90 - 120 nsec maximum
•
PIV up to 1000 Volts
•
Low Reverse Leakage Current
•
Hermetically Sealed
•
Void Free Construction
•
For High Efficiency Applications
•
TX, TXV, and Space Level Screening Available
2/
•
Replacement for 1N6626 thru 1N6631
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage
SPD6626
SPD6627
SPD6628
SPD6629
SPD6630
SPD6631
VRRM
VRWM
VR
200
400
600
800
900
1000
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz, Sine Wave)
TA ≤55
oC at .375”
SPD6626 - 6628
SPD6629 - 6631
IO
4
2.8
Amps
Peak Surge Current(Single 8.3 ms Pulse, Half Sine
Wave, Superimposed on IO, TA ≤55
oC)
SPD6626 - 6630
SPD6631
IFSM
75
60
Amps
Operating and Storage Temperature
TOP & Tstg
-65 to +175
oC
Maximum Thermal Resistance
Junction to Lead, L = 0.375” (Axial Lead)
B Variant
Junction to End Tab (Surface Mount)
RθJL
RθJL
RθJE
20
22
14
oC/W
Axial Leaded (__)
Square Tab Surface Mount (SMS)


Similar Part No. - SPD6631S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6631 SSDI-SPD6631 Datasheet
141Kb / 2P
HYPER FAST RECOVERY RECTIFIER
More results

Similar Description - SPD6631S

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD6620 SSDI-SPD6620 Datasheet
148Kb / 2P
1.5 - 2 AMPS 200 침 1000 VOLTS 30 짰 60 nsec ULTRA FAST RECOVERY RECTIFIER
SPD6627 SSDI-SPD6627 Datasheet
99Kb / 2P
4 AMPS, 400 thru 600 VOLTS 30 nsec HYPER FAST RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SHF1402 SSDI-SHF1402 Datasheet
305Kb / 2P
4 AMPS, 200-600 VOLTS 30 nsec HYPER FAST RECTIFIER
SDR680 SSDI-SDR680 Datasheet
213Kb / 2P
80 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
SHF1402SMS SSDI-SHF1402SMS Datasheet
319Kb / 2P
40 AMPS 200- 600 VOLTS 30 nsec HYPER FAST RECTIFIER
SPD502 SSDI-SPD502 Datasheet
303Kb / 2P
5 AMPS 200 - 600 VOLTS 40 nsec HYPER FAST RECTIFIER
1N6686 SSDI-1N6686 Datasheet
197Kb / 2P
20 AMPS 100 - 200 VOLTS 40 nsec HYPER FAST RECTIFIER
SDR950E SSDI-SDR950E Datasheet
199Kb / 2P
60 AMPS 100 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
2R3S SSDI-2R3S Datasheet
171Kb / 2P
8 AMPS 20 - 200 VOLTS 35 nsec HYPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com