Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAMSC3LA7BP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CAMSC3LA7BP
Description  HCMOS Oscillator Extra Small Packaging Style Ultra Low Jitter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CAMSC3LA7BP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CAMSC3LA7BP Datasheet HTML 1Page - List of Unclassifed Manufacturers CAMSC3LA7BP Datasheet HTML 2Page - List of Unclassifed Manufacturers CAMSC3LA7BP Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PIN FUNCTION
1 CONTROL
2 GND
3 OUTPUT
4 Vdd
µµ µ
Recommended Solder Pad Layout
Recommended Solder Pad Layout
PIN FUNCTION
1 CONTROL
2 GND
3 OUTPUT
4 Vdd
CARDINAL COMPONENTS
CARDINAL COMPONENTS
CARDINAL COMPONENTS
Platinum Series
Cardinal Components, Inc., 155 Rt. 46 W, Wayne, NJ. 07470 TEL: (973)785-1333 FAX: (973)785-0053
http://www.cardinalxtal.com
Note: Bypass Vdd to GND with a 0.01 F capacitor
E-Mail: sales@cardinalxtal.com
3
Recommended Solder Pad Layout
Style 3 3.2x2.5 Ceramic SMD
Style 7 5x7 Ceramic SMD
Style 5 5x3.2 Ceramic SMD
HCMOS Oscillator
CAMs
050907-REV. 1.1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com