Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD48SMSS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD48SMSS
Description  200 mAMP 50-125 Volts 5nsec HYPER FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD48SMSS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD48SMSS Datasheet HTML 1Page - Solid States Devices, Inc SPD48SMSS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information
1/
SPD _ _ __ __
⏐
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L Screening2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
⏐
⏐
⏐
L Package
SM = Surface Mount Round Tab
SMS = Surface Mount Square Tab
L Voltage
48 = 50 V
49 = 75 V
50 = 100 V
51 = 125 V
SPD48SM &SMS
Thru
SPD51SM & SMS
200 mAMP
50-125 Volts
5 nsec
HYPER FAST RECTIFIER
Features:
•
Hyper Fast Recovery: 5 nsec maximum
•
Subminiature Surface Mount Package
•
Square Tab Mounting (Round Tabs Available)
•
Hermetically Sealed
•
Planar Passivated Chip
•
For High Efficiency Applications
•
Replaces 1N4148 – 1N4151 types
•
TX, TXV and S – Level Screening Available
2/
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SPD48SM & SMS
SPD49SM & SMS
SPD50SM & SMS
SPD51SM & SMS
VRRM
VRWM
VR
50
75
100
125
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
Io
200
mAmps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
4
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to End Tab
RθJE
0.35
ºC/mW
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
SM (Round)
SMS (Square)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RH0085D
DOC


Similar Part No. - SPD48SMSS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD48SM SSDI-SPD48SM Datasheet
179Kb / 2P
200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
More results

Similar Description - SPD48SMSS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
1N4148SM SSDI-1N4148SM Datasheet
56Kb / 2P
200 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SHF1302 SSDI-SHF1302 Datasheet
78Kb / 2P
HYPER FAST RECOVERY RECTIFIER 200-600 VOLTS
SPD6642SM SSDI-SPD6642SM Datasheet
49Kb / 2P
300 mAMP 75 VOLTS 5 nsec HYPER FAST RECTIFIER
SDR950S1 SSDI-SDR950S1 Datasheet
35Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR950 SSDI-SDR950 Datasheet
203Kb / 2P
60 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620G SSDI-SDR620G Datasheet
33Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SDR620-28 SSDI-SDR620-28 Datasheet
41Kb / 2P
20 AMP 100-200 Volts 35nsec Hyper Fast Rectifier
SPD48SM SSDI-SPD48SM Datasheet
179Kb / 2P
200 mAMP 50 - 125 VOLTS 5 nsec HYPER FAST RECTIFIER
SPD6638 SSDI-SPD6638 Datasheet
115Kb / 2P
300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
logo
Solid State Optronic
SDR6638 SSOUSA-SDR6638 Datasheet
118Kb / 2P
300 mA 50 - 125 VOLTS 4.5 - 6.0 nsec HYPER FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com