Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR10MS Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR10MS
Description  10 AMPS 200 - 1000 VOLTS 5 ns STANDARD RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR10MS Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR10MS Datasheet HTML 1Page - Solid States Devices, Inc SDR10MS Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR10
__ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
│
└ Package Type
__ = Axial Leaded
SMS = Surface Mount Square Tab
│
│
│
│
│
│
│
│
│
│
└
Voltage/Family
D = 200V
K = 800 V
G = 400V
M = 1000 V
J = 600V
SDR10D thru SDR10M
and
SDR10DSMS thru SDR10MSMS
Series
10 AMPS
200 ─ 1000 VOLTS
5 µs STANDARD RECOVERY
RECTIFIER
FEATURES:
•
Standard Recovery: 5 µs maximum 4/
•
PIV to 1000 Volts
•
Hermetically Sealed
•
Low Reverse Leakage Current
•
Single Chip Construction
•
High Surge Rating
•
Replaces Larger DO-4 Rectifiers
•
Low Thermal Resistance
•
Available in Axial & Square Tab Versions
•
TX, TXV, and S-Level Screening Available
2/
• Faster Recovery Devices Available - Contact
Factory
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse
Voltage
And
DC Blocking Voltage
SDR10D & SDR10DSMS
SDR10G & SDR10GSMS
SDR10J & SDR10JSMS
SDR10K & SDR10KSMS
SDR10M & SDR10MSMS
VRRM
VRWM
VR
200
400
600
800
1000
Volts
Average Rectified Forward Current (Resistive Load, 60Hz, Sine Wave, TA = 25°C )
IO
10.0
Amps
Peak Surge Current
(8.3 ms pulse, half sine wave, superimposed on Io, allow
junction to reach equilibrium between pulses, TA = 25°C)
IFSM
150
Amps
Operating & Storage Temperature
TJ and
TSTG
-65 to +175
°
C
Thermal Resistance
Junction to Lead for Axial, L =.125"
Junction to End Tab for Surface Mount
RθJL
RθJE
8
4
°
C/W
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability- Contact Factory.
2/ Screening Based on MIL-PRF-19500. Screening Flows Available on Request.
3/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
4/
IF = 500mA, IR = 1A, IRR = 250mA, TA = 25°C
Axial Leaded
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: R00001C
DOC


Similar Part No. - SDR10MS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10MSMS SSDI-SDR10MSMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
More results

Similar Description - SDR10MS

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR10A SSDI-SDR10A Datasheet
202Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SDR10ASMS SSDI-SDR10ASMS Datasheet
213Kb / 2P
10 AMPS 950 -1000 VOLTS 5 uSEC STANDARD RECOVERY RECTIFIER
SPD5614 SSDI-SPD5614 Datasheet
112Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SPD5614SM SSDI-SPD5614SM Datasheet
167Kb / 2P
1 AMP 200 ??1000 VOLTS STANDARD RECOVERY RECTIFIER
SDR9JF SSDI-SDR9JF Datasheet
148Kb / 2P
9.0 AMPS 600 - 1000 VOLTS 250 ns typical FAST RECOVERY RECTIFIER
SDR12 SSDI-SDR12 Datasheet
33Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
SPD5550 SSDI-SPD5550 Datasheet
99Kb / 2P
5 AMPS, 200 thru 1000 VOLTS 2 關sec STANDARD RECOVERY RECTIFIER
SPD4942SM SSDI-SPD4942SM Datasheet
97Kb / 2P
1 AMPS 200-1000 VOLTS 150-200 nsec FAST RECOVERY RECTIFIER
SPD5624 SSDI-SPD5624 Datasheet
44Kb / 2P
3 AMP 200-1000 Volts 5 usec STANDARD RECOVERY RECTIFIER
SDR12 SSDI-SDR12_1 Datasheet
157Kb / 2P
12 AMPS 200 - 1000 VOLTS 5 usec STANDARD RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com