Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF8-RL2 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7566ASTZF8-RL2
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF8-RL2 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7566ASTZF8-RL2 Datasheet HTML 35Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 36Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 37Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 38Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 39Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 40Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 41Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 42Page - Analog Devices ADE7566ASTZF8-RL2 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 39 of 136
Table 34. ACCMODE Register (0x0F)
Bit No.
Mnemonic
Default
Description
7 to 6
Reserved
0
Reserved.
5
VARSIGN1
0
Configuration bit to select event that triggers a reactive power sign interrupt. If set to 0, VARSIGN
interrupt occurs when reactive power changes from positive to negative. If set to 1, VARSIGN interrupt
occurs when reactive power changes from negative to positive.
4
APSIGN
0
Configuration bit to select event that triggers an active power sign interrupt. If set to 0, APSIGN interrupt
occurs when active power changes from positive to negative. If set to 1, APSIGN interrupt occurs when
active power changes from negative to positive.
3
ABSVARM1
0
Logic 1 enables absolute value accumulation of reactive power in energy register and pulse output.
2
SAVARM1
0
Logic 1 enables reactive power accumulation depending on the sign of the active power. If active power
is positive, VAR is accumulated as it is. If active power is negative, the sign of the VAR is reversed for the
accumulation. This accumulation mode affects both the VAR registers (VARHR, RVARHR, LVARHR) and the
pulse output when connected to VAR.1
1
POAM
0
Logic 1 enables positive only accumulation of active power in energy register and pulse output.
0
ABSAM
0
Logic 1 enables absolute value accumulation of active power in energy register and pulse output.
1 This function is not available in the ADE7566 part.
Table 35. GAIN Register (0x1B)
Bit No.
Mnemonic
Default
Description
7 to 5
PGA2[2:0]
000
These bits define the voltage channel input gain.
PGA2[2:0]
Result
000
Gain = 1
001
Gain = 2
010
Gain = 4
011
Gain = 8
100
Gain = 16
4
Reserved
0
Reserved.
3
CFSIGN_OPT
0
This bit defines where the CF change of sign detection (APSIGN or VARSIGN) is
implemented.
CFSIGN_OPT
Result
0
Filtered power signal
1
On a per CF pulse basis
2 to 0
PGA1[2:0]
000
These bits define the current channel input gain.
PGA1[2:0]
Result
000
Gain = 1
001
Gain = 2
010
Gain = 4
011
Gain = 8
100
Gain = 16
Table 36. Interrupt Status Register 1 SFR (MIRQSTL, 0xDC)
Bit No.
Interrupt Flag
Description
7
ADEIRQFLAG
This bit is set if any of the ADE status flags that are enabled to generate an ADE interrupt are set. This bit is
automatically cleared when all of the enabled ADE status flags are cleared.
6-5
Reserved
Reserved.
4
VARSIGN1
Logic 1 indicates that the reactive power sign has changed according to the configuration of ACCMODE register.
3
APSIGN
Logic 1 indicates that the active power sign has changed according to the configuration of ACCMODE register.
2
VANOLOAD
Logic 1 indicates that an interrupt has been caused by apparent power no-load detected. This interrupt is also
used to reflect the part entering the Irms no load mode.
1
RNOLOAD1
Logic 1 indicates that an interrupt has been caused by reactive power no-load detected.
0
APNOLOAD
Logic 1 indicates that an interrupt has been caused by active power no-load detected.
1 This function is not available in the ADE7566 part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com