Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7566ASTZF162 Datasheet(PDF) 5 Page - Analog Devices

Part # ADE7566ASTZF162
Description  Single-Phase Energy Measurement IC with 8052 MCU, RTC, and LCD Driver
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7566ASTZF162 Datasheet(HTML) 5 Page - Analog Devices

  ADE7566ASTZF162 Datasheet HTML 1Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 2Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 3Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 4Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 5Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 6Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 7Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 8Page - Analog Devices ADE7566ASTZF162 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 136 page
background image
Preliminary Technical Data
ADE7566/ADE7569
Rev. PrA | Page 5 of 136
SPECIFICATIONS
VDD = 3.3 V ± 5%, AGND = DGND = 0 V, on-chip reference XTAL = 32.768 kHz, TMIN to TMAX = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
ENERGY METERING
MEASUREMENT ACCURACY1
Phase Error Between Channels
PF = 0.8 Capacitive
±0.05
Degrees
Phase lead 37°
PF = 0.5 Inductive
±0.05
Degrees
Phase lag 60°
Active Energy Measurement Error2
0.1
% of
reading
Over a dynamic range of 1000 to 1 @ 25°C
AC Power Supply Rejection2
VDD = 3.3 V + 100 mV rms/120 Hz
Output Frequency Variation
0.01
%
IP = VP = ±100 mV rms
DC Power Supply Rejection2
VDD = 3.3 V ± 117 mV dc
Output Frequency Variation
0.01
%
Active Energy Measurement Bandwidth1,2
14
kHz
Reactive Energy Measurement Error2
0.5
% of
reading
Over a dynamic range of 1000 to 1 @ 25°C
Vrms Measurement Error2
0.5
% of
reading
Over a dynamic range of 100 to 1 @ 25°C
Vrms Measurement Bandwidth1, 2
14
kHz
Irms Measurement Error2
0.5
% of
reading
Over a dynamic range of 500 to 1 @ 25°C
Irms Measurement Bandwidth1, 2
14
kHz
ANALOG INPUTS
VP − VN and IAP − IN
Maximum Signal Levels
±500
mV peak
Differential input
Input Impedance (DC)
TBD
kΩ
ADC Offset Error2
1
mV
Gain Error2
Current Channel
±4
%
Current channel = 0.5 V dc
Voltage Channel
±4
%
Voltage channel = 0.5 V dc
Gain Error Match2
±3
%
CF1 AND CF2 PULSE OUTPUT
Maximum Output Frequency
21.1
kHz
VP − VN = IAP − IN = 500 mV peak sine wave
Duty Cycle
50
%
If CF1 or CF2 frequency > 5.55 Hz
Active High Pulse Width
90
ms
If CF1 or CF2 frequency < 5.55 Hz
ANALOG PERIPHERALS
INTERNAL ADCs (Battery, Temperature, VDCIN)
Power Supply Operating Range
2.3
3.7
V
Measured on VSWOUT
No Missing Codes1
8
bits
AC Power Supply Rejection1
TBD
dB
DC Power Supply Rejection1
TBD
dB
Conversion Delay3
1
ms
Temperature Sensor Accuracy1
−1
+1
°C
At 25°C
−4
+4
°C
Between −40°C and +85°C
VDCIN ANALOG INPUT
Maximum Signal Levels
0
3.3
V
Input Impedance (DC)
1
MΩ
Low VDCIN Detection Threshold
1.08
1.2
1.32
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com