Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010R Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CC1010R
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC1010R Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CC1010R Datasheet HTML 3Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 4Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 5Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 6Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 7Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 8Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 9Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 10Page - List of Unclassifed Manufacturers CC1010R Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 133 page
background image
Chipcon
Chipcon
Chipcon
Chipcon
SmartRF
SmartRF
SmartRF
SmartRF â CC1010
Chipcon AS
SmartRFâ CC1010 PRELIMINARY Datasheet (rev. 1.0) 2002-09-18
Page 7 of 133
Electrical Specifications
Table 4. Electrical Specifications
Tc = 25
°C, VDD = 3.3 V if nothing else stated
Parameter
Min.
Typ.
Max.
Unit
Condition
MCU, general
Power on reset (POR) voltage
2.7
2.9
3.1
V
Tc = -40 to 85°C
Brown out voltage
2.7
2.9
3.1
V
Tc = -40 to 85°C
RTC start-up time
160
ms
ADC, number of bits
10
bits
ADC, Differential Nonlinearity
(DNL)
+/-0.2
LSB
VDD is reference voltage
ADC, Integral Nonlinearity (INL)
+/-1.3
LSB
VDD is reference voltage
ADC, Offset
3
LSB
7 Hz test tone
ADC, Total Harmonic Distortion
(THD)
59
dB
7 Hz test tone
ADC, SINAD
54
9
dB
bits
7 Hz test tone
ADC, internal reference
tolerance
10
%
Supply Current
MCU, Active mode
14.8
1.3
mA
mA
14.7456 MHz, main oscillator
32 kHz, RTC oscillator
See page 31 for explanation
of modes. See Figure 1 page
6 for supply current vs. clock
frequency.
MCU, Idle mode
8.2
29.4
mA
µA
14.7456 MHz, main oscillator
32 kHz, RTC oscillator
MCU, Power Down mode
0.2
10
µA
RF Transceiver, Receive mode,
433/868 MHz
9.1/
11.9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com