Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC1010T Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # CC1010T
Description  Single Chip Very Low Power RF Transceiver with 8051-Compatible Microcontroller
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CC1010T Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button CC1010T Datasheet HTML 17Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 18Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 19Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 20Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 21Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 22Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 23Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 24Page - List of Unclassifed Manufacturers CC1010T Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 133 page
background image
Chipcon
Chipcon
Chipcon
Chipcon
SmartRF
SmartRF
SmartRF
SmartRF â CC1010
Chipcon AS
SmartRFâ CC1010 PRELIMINARY Datasheet (rev. 1.0) 2002-09-18
Page 21 of 133
CPU Registers
CC1010 provides 4 register banks of 8
registers each. These register banks are
mapped in the the internal data memory
(see the Memory section on page 31) at
addresses 0x00 - 0x07, 0x08 - 0x0F, 0x10
- 0x17 and 0x18 - 0x1F. Each register
bank contains the 8 8-bit registers R0
through R7. The different register banks
are selected through the Program Status
Word PSW.RS(1:0) as shown below.
PSW
also contains carry, overflow and
parity flags that reflect the current CPU
state.
In addition, the CPU uses the accumulator
register A (accessed via the SFR space as
ACC
), B (for multiplication and division) and
the stack pointer SP. These registers are
shown below. Note that the hardware
stack pointer SP is increased when
pushing and decreased when popping
data, unlike many other microcontroller
architectures.
PSW (0xD0) - Program Status Word
Bit
Name
R/W
Description
7
CY
R/W
Carry Flag, set to 1 when the last arithmetic operation resulted in a
carry (during addition) or borrow (during subtraction), otherwise
cleared to 0 by all arithmetic operations. CY is also used for
rotation instructions.
6
AC
R/W
Auxiliary carry flag. Set to 1 when the last arithmetic operation
resulted in a carry into (during addition) or borrow from (during
subtraction) the high order nibble, otherwise cleared to 0 by all
arithmetic operations.
5
F0
R/W
Flag 0 (Available to the user for general purpose)
4
RS1
R/W
3
RS0
R/W
Register bank select.
RS1
RS0
Working register bank and address
0
0
Bank0
0x00-0x07
0
1
Bank1
0x08-0x0F
1
0
Bank2
0x10-0x17
1
1
Bank3
0x18-0x1F
2
OV
R/W
Overflow flag. Set to 1 when the last arithmetic operation resulted
in a carry (addition), borrow (subtraction), or overflow (multiply or
divide). Otherwise, the bit cleared to 0 by all arithmetic operations.
1
F1
R/W
Flag 1 (Available to the user for general purpose)
0
P
R/W
Parity flag. Set to 1 when the modulo-2 sum of the 8 bits in the
accumulator is 1 (odd parity), cleared to 0 on even parity.
ACC (0xE0) - Accumulator Register
Bit
Name
R/W
Description
7:0
ACC(7:0)
R/W
Accumulator
B (0xF0) - B Register
Bit
Name
R/W
Description
7:0
B(7:0)
R/W
B
is used for multiplication and division
SP (0x81) - Stack Pointer
Bit
Name
R/W
Description
7:0
SP(7:0)
R/W
Stack Pointer, used for pushing and poping data to and from the
stack. Note that the reset value for SP is 0x07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com