Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051CPU Datasheet(PDF) 2 Page - Digital Core Design

Part # DP8051CPU
Description  Pipelined High Performance 8-bit Microcontroller ver 3.10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051CPU Datasheet(HTML) 2 Page - Digital Core Design

  DP8051CPU_03 Datasheet HTML 1Page - Digital Core Design DP8051CPU_03 Datasheet HTML 2Page - Digital Core Design DP8051CPU_03 Datasheet HTML 3Page - Digital Core Design DP8051CPU_03 Datasheet HTML 4Page - Digital Core Design DP8051CPU_03 Datasheet HTML 5Page - Digital Core Design DP8051CPU_03 Datasheet HTML 6Page - Digital Core Design DP8051CPU_03 Datasheet HTML 7Page - Digital Core Design DP8051CPU_03 Datasheet HTML 8Page - Digital Core Design DP8051CPU_03 Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
● Fully synthesizable, static synchronous
design with positive edge clocking and no
internal tri-states
● Scan test ready
● 2.0 GHz virtual clock frequency in a 0.35u
technological process
PERIPHERALS
● DoCD™ debug unit
○
Processor execution control
Run
Halt
Step into instruction
Skip instruction
○
Read-write all processor contents
Program Counter (PC)
Program Memory
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
○
Hardware execution breakpoints
Program Memory
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
○
Hardware breakpoints activated at a certain
Program address (PC)
Address by any write into memory
Address by any read from memory
Address by write into memory a required data
Address by read from memory a required data
○
Three wire communication interface
● Power Management Unit
○
Power management mode
○
Switchback feature
○
Stop mode
● Interrupt Controller
○
2 priority levels
○
2 external interrupt sources
CONFIGURATION
The following parameters of the DP8051CPU
core can be easy adjusted to requirements of
dedicated application and technology. Configu-
ration of the core can be prepared by effortless
changing appropriate constants in package file.
There is no need to change any parts of the
code.
- synchronous
•
Internal Program Memory
type
- asynchronous
-
•
Internal Program ROM
Memory size
-
0 - 64kB
-
•
Internal Program RAM
Memory size
-
0 - 64kB
- true
•
Internal Program Memory
fixed size
- false
• Interrupts
-
subroutines
location
- used
• Power Management Mode
- unused
- used
• Stop mode
- unused
- used
• DoCD debug unit
- unused
Besides mentioned above parameters all
available peripherals and external interrupts
can be excluded from the core by changing
appropriate constants in package file.
DELIVERABLES
♦ Source code:
◊
VHDL Source Code or/and
◊
VERILOG Source Code or/and
◊
Encrypted, or plain text EDIF netlist
♦ VHDL & VERILOG test bench environment
◊
Active-HDL automatic simulation macros
◊
ModelSim automatic simulation macros
◊
Tests with reference responses
♦ Technical documentation
◊
Installation notes
◊
HDL core specification
◊
Datasheet
♦ Synthesis scripts
♦ Example application
♦ Technical support
◊
IP Core implementation support
◊
3 months maintenance
●
Delivery the IP Core updates, minor and
major versions changes
●
Delivery the documentation updates
●
Phone & email support



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com