Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051CPU Datasheet(PDF) 3 Page - Digital Core Design

Part # DP8051CPU
Description  Pipelined High Performance 8-bit Microcontroller ver 3.10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051CPU Datasheet(HTML) 3 Page - Digital Core Design

  DP8051CPU Datasheet HTML 1Page - Digital Core Design DP8051CPU Datasheet HTML 2Page - Digital Core Design DP8051CPU Datasheet HTML 3Page - Digital Core Design DP8051CPU Datasheet HTML 4Page - Digital Core Design DP8051CPU Datasheet HTML 5Page - Digital Core Design DP8051CPU Datasheet HTML 6Page - Digital Core Design DP8051CPU Datasheet HTML 7Page - Digital Core Design DP8051CPU Datasheet HTML 8Page - Digital Core Design DP8051CPU Datasheet HTML 9Page - Digital Core Design  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
LICENSING
Comprehensible and clearly defined licensing
methods without royalty fees make using of IP
Core easy and simply.
Single Design
license allows use IP Core in
single FPGA bitstream and ASIC implementa-
tion.
Unlimited Designs, One Year
licenses allow
use IP Core in unlimited number of FPGA bit-
streams and ASIC implementations.
In all cases number of IP Core instantiations
within a design, and number of manufactured
chips are unlimited. There is no time restriction
except One Year license where time of use is
limited to 12 months.
Single Design license for
VHDL, Verilog source code called HDL
Source
Encrypted, or plain text EDIF called Netlist
One Year license for
Encrypted Netlist only
Unlimited Designs license for
HDL Source
Netlist
Upgrade from
HDL Source to Netlist
Single Design to Unlimited Designs
DESIGN FEATURES
PROGRAM MEMORY:
The DP8051CPU soft core is dedicated
for operation with Internal and External Pro-
gram Memory. Internal Program Memory
can be implemented as:
ROM located in address range between
0000h
÷ (ROM
size-1)
RAM located in address range between
(RAMsize-1) ÷ FFFFh
External Program Memory can be im-
plemented as ROM or RAM located in ad-
dress range between ROMsize ÷ RAMsize.
INTERNAL DATA MEMORY:
The DP8051CPU can address Internal
Data Memory of up to 256 bytes The Inter-
nal Data Memory can be implemented as
Single-Port synchronous RAM.
EXTERNAL DATA MEMORY:
The DP8051CPU soft core can address
up to 16 MB of External Data Memory. Ex-
tra DPX (Data Pointer eXtended) register is
used for segments swapping.
USER
SPECIAL FUNCTION REGISTERS:
Up to 104 External (user) Special Func-
tion Registers (ESFRs) may be added to
the DP8051CPU design. ESFRs are mem-
ory mapped into Direct Memory between
addresses 80 hex and FF hex in the same
manner as core SFRs and may occupy any
address that is not occupied by a core
SFR.
WAIT STATES SUPPORT:
The DP8051CPU soft core is dedicated
for operation with wide range of Program
and Data memories. Slow Program and Ex-
ternal Data memory may assert a memory
Wait signal to hold up CPU activity.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com