Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DP8051XP Datasheet(PDF) 2 Page - Digital Core Design

Part # DP8051XP
Description  Pipelined High Performance 8-bit Microcontroller ver 3.10
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCD [Digital Core Design]
Direct Link  http://www.digitalcoredesign.com
Logo DCD - Digital Core Design

DP8051XP Datasheet(HTML) 2 Page - Digital Core Design

  DP8051XP Datasheet HTML 1Page - Digital Core Design DP8051XP Datasheet HTML 2Page - Digital Core Design DP8051XP Datasheet HTML 3Page - Digital Core Design DP8051XP Datasheet HTML 4Page - Digital Core Design DP8051XP Datasheet HTML 5Page - Digital Core Design DP8051XP Datasheet HTML 6Page - Digital Core Design DP8051XP Datasheet HTML 7Page - Digital Core Design DP8051XP Datasheet HTML 8Page - Digital Core Design DP8051XP Datasheet HTML 9Page - Digital Core Design Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
All trademarks mentioned in this document
http://www.DigitalCoreDesign.com
are trademarks of their respective owners.
http://www.dcd.pl
Copyright 1999-2003 DCD – Digital Core Design. All Rights Reserved.
● Dedicated signal for Program Memory
writes.
● Interface for additional Special Function
Registers
● Fully synthesizable, static synchronous
design with positive edge clocking and no
internal tri-states
● Scan test ready
● 2.0 GHz virtual clock frequency in a 0.35u
technological process
PERIPHERALS
● DoCD™ debug unit
○
Processor execution control
Run
Halt
Step into instruction
Skip instruction
○
Read-write all processor contents
Program Counter (PC)
Program Memory
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
○
Hardware execution breakpoints
Program Memory
Internal (direct) Data Memory
Special Function Registers (SFRs)
External Data Memory
○
Hardware breakpoints activated at a certain
Program address (PC)
Address by any write into memory
Address by any read from memory
Address by write into memory a required data
Address by read from memory a required data
○
Three wire communication interface
● Power Management Unit
○
Power management mode
○
Switchback feature
○
Stop mode
● Extended Interrupt Controller
○
2 priority levels
○
Up to 7 external interrupt sources
○
Up to 8 interrupt sources from peripherals
● Four 8-bit I/O Ports
○
Bit addressable data direction for each line
○
Read/write of single line and 8-bit group
● Three 16-bit timer/counters
○
Timers clocked by internal source
○
Auto reload 8/16-bit timers
○
Externally gated event counters
● Full-duplex serial port
○
Synchronous mode, fixed baud rate
○
8-bit asynchronous mode, fixed baud rate
○
9-bit asynchronous mode, fixed baud rate
○
9-bit asynchronous mode, variable baud rate
● I2C bus controller - Master
○
7-bit and 10-bit addressing modes
○
NORMAL, FAST, HIGH speeds
○
Multi-master systems supported
○
Clock arbitration and synchronization
○
User defined timings on I2C lines
○
Wide range of system clock frequencies
○
Interrupt generation
● I2C bus controller - Slave
○
NORMAL speed 100 kbs
○
FAST speed 400 kbs
○
HIGH speed 3400 kbs
○
Wide range of system clock frequencies
○
User defined data setup time on I2C lines
○
Interrupt generation
● SPI – Master and Slave Serial Peripheral
Interface
○
Supports speeds up ¼ of system clock
Mode fault error
Write collision error
○
Four transfer formats supported
○
System errors detection
○
Allows operation from a wide range of system
clock frequencies (build-in 5-bit timer)
○
Interrupt generation
● Programmable Watchdog Timer
● 16-bit Compare/Capture Unit
○
Events capturing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com