Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD60NF3LL Datasheet(PDF) 1 Page - STMicroelectronics

Part # STD60NF3LL
Description  N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET™ II POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD60NF3LL Datasheet(HTML) 1 Page - STMicroelectronics

  STD60NF3LL Datasheet HTML 1Page - STMicroelectronics STD60NF3LL Datasheet HTML 2Page - STMicroelectronics STD60NF3LL Datasheet HTML 3Page - STMicroelectronics STD60NF3LL Datasheet HTML 4Page - STMicroelectronics STD60NF3LL Datasheet HTML 5Page - STMicroelectronics STD60NF3LL Datasheet HTML 6Page - STMicroelectronics STD60NF3LL Datasheet HTML 7Page - STMicroelectronics STD60NF3LL Datasheet HTML 8Page - STMicroelectronics STD60NF3LL Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1/9
April 2002
STD60NF3LL
N-CHANNEL 30V - 0.0075
Ω - 60A DPAK
STripFET™ II POWER MOSFET
(1) Starting Tj=25°C, ID=30A, VDD=27.5V
s
TYPICAL RDS(on) = 0.0075Ω
s
OPTIMAL RDS(ON) x Qg TRADE-OFF @ 4.5V
s
CONDUCTION LOSSES REDUCED
s
SWITCHING LOSSES REDUCED
s
ADD SUFFIX “T4” FOR ORDERING IN TAPE &
REEL
DESCRIPTION
This application specific Power Mosfet is the third
genaration of STMicroelectronics unique “Single
Feature Size
™” strip-based process. The result-
ing transistor shows the best trade-off between on-
resistance ang gate charge. When used as high
and low side in buck regulators, it gives the best
performance in terms of both conduction and
switching losses. This is extremely important for
motherboards where fast switching and high effi-
ciency are of paramount importance.
APPLICATIONS
s
SPECIFICALLY DESIGNED AND OPTIMISED
FOR HIGH EFFICIENCY DC/DC
CONVERTERS
ABSOLUTE MAXIMUM RATINGS
(q) Pulse width limited by safe operating area
TYPE
VDSS
RDS(on)
ID
STD60NF3LL
30V
<0.0095
Ω
60A
Symbol
Parameter
Value
Unit
VDS
Drain-source Voltage (VGS = 0)
30
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)
30
V
VGS
Gate- source Voltage
± 16
V
ID
Drain Current (continuos) at TC = 25°C
60
A
ID
Drain Current (continuos) at TC = 100°C
43
A
IDM (l)
Drain Current (pulsed)
240
A
PTOT
Total Dissipation at TC = 25°C
100
W
Derating Factor
0.67
W/°C
EAS (1)
Single Pulse Avalanche Energy
700
mJ
Tstg
Storage Temperature
– 55 to 175
°C
Tj
Operating Junction Temperature
DPAK
1
3
TO-252
INTERNAL SCHEMATIC DIAGRAM


Similar Part No. - STD60NF3LL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
STD60NF3LLT4 TI-STD60NF3LLT4 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
VBsemi Electronics Co.,...
STD60NF3LLT4 VBSEMI-STD60NF3LLT4 Datasheet
992Kb / 8P
N-Channel 30-V (D-S) MOSFET
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
More results

Similar Description - STD60NF3LL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD60NF06 STMICROELECTRONICS-STD60NF06 Datasheet
461Kb / 9P
N-CHANNEL 60V - 0.014ohm - 60A DPAK STripFET™ II POWER MOSFET
Oct-2002
STD60NF55L STMICROELECTRONICS-STD60NF55L Datasheet
455Kb / 9P
N-CHANNEL 55V - 0.012ohm - 60A DPAK STripFET™ II POWER MOSFET
Apr-2002
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
513Kb / 8P
N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET™ III POWER MOSFET
Sep-2003
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
Sep-2003
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
19-Jul-2006
STD100NH03L STMICROELECTRONICS-STD100NH03L_06 Datasheet
472Kb / 15P
N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
08-Aug-2006
STD60NF55LA STMICROELECTRONICS-STD60NF55LA Datasheet
324Kb / 14P
N-channel 55V - 0.012Ω - 60A - DPAK STripFET™II Power MOSFET
25-Sep-2006
logo
Texas Instruments
STD60NF3LL TI-STD60NF3LL_06 Datasheet
404Kb / 13P
N-channel 30V - 0.0075廓 - 60A - DPAK STripFET??II Power MOSFET
logo
STMicroelectronics
CD00003115 STMICROELECTRONICS-CD00003115 Datasheet
413Kb / 13P
N-channel 60V - 0.014ohm - 60A - DPAK STripFET II Power MOSFET
13-Jul-2006
STD1703L STMICROELECTRONICS-STD1703L Datasheet
981Kb / 10P
N-CHANNEL 30V - 0.038Ω - 17A - DPAK STripFET™ II MOSFET
Apr-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com