Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC8051I2 Datasheet(PDF) 2 Page - TEMIC Semiconductors

Part # TSC8051I2
Description  8-bit Microcontroller withI2C Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

TSC8051I2 Datasheet(HTML) 2 Page - TEMIC Semiconductors

  TSC8051I2 Datasheet HTML 1Page - TEMIC Semiconductors TSC8051I2 Datasheet HTML 2Page - TEMIC Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Finland
France
Germany
Italy
Spain
Sweden
United Kingdom
USA-Eastern
USA-Western
China
Hong Kong
Korea
Singapore
Japan
Kappelitie
Tel: 3589 4520 8219
Fax:3589 529 619
Taipei City
Tel: 8862 2609 5581
Fax: 8862 2600 2735
78054 St.Quentin en
Yvelines
Tel: 331 3060 7000
Fax: 331 3060 7111
Eching
Tel: 49 893 19 70 0
Fax: 49 893 19 46 21
Essen
Tel: 492 01 24 73 00
Fax: 492 01 24 73 047
Heilbronn
Tel: 49 71 31 67 36 36
Fax: 49 71 31 67 31 63
Milano
Tel: 392 38 03 71
Fax: 392 38 03 72
Madrid
Tel: 34 91 564 51 81
Fax: 34 91 562 7514
Sundbyberg, Sweden
Tel: 468 587 48 800
Fax: 468 587 48 850
Bracknell
Tel: 44 1344 707 300
Fax: 44 1344 427 371
Basking Ridge (NJ)
Tel:1 908 630 9200
Fax:1 908 630 9201
San Jose (CA)
Tel:1 408 441 0311
Fax::1 408 436 4200
Shanghai
Tel: 86 21 6280 9241
Fax: 86 21 6283 8816
Tel: 852 23 789 789
Fax: 852 23 755 733
Seoul
Tel: 822 785 1136
Fax: 822 785 1137
Tel: 65 788 6668
Fax: 65 787 9819
Tokyo
Tel: 813 5562 3321
Fax: 813 5562 3316
Taiwan
http://www.temic-semi.de/nt/micro
Product Information
An I C microcontroller fits to your project? Just contact us!
2
TSC8051i2- 10.98
Email: c51@temic.fr
l
l
l
l
l
l
l
l
l
l
256 byte RAM
8 Kbyte ROM/EPROM
Four 8-bit parallel I/O ports, including enhanced I/Os
Full duplex UART
Multi-master master/slave I C controller
Up to 12 programmable 8-bit PWM channels
Watchdog Timer
Power Monitoring
- power-fail reset
- Idle and power-down modes
6 interrupt sources, including2 external
Two 16-bit timers/counters
2
l
l
l
l
l
ROMless version: TSC8031I2, OTP ROM version: TSC8751I2, Mask ROM version: TSC51I2
High speed version: 4.5 to 5.5V operating 16MHz or 24MHz
Low voltage version*: 2.7V to 5.5V operating 12 MHz
Tempature range:
- Commercial (0 to 70°C)
- Industrial (-40°C to 85°C)
Packages: PDIL40, PLCC44, PLCC52**, PQFP44
Die form and Ceramic packages***
* Only for ROMless and ROM versions.
** PLCC52 package enables use of 12 PWM channels while other 40/44 pins packages limits to4 the number of usable PWM
channels.
*** Please ask for availability.
l Emulators: Ceibo, Metalink (1Q99)
Compilers: Keil as well as all standard 80C51
compilers available on the market
Device programmers: Advantec Equipment, Advin,
BP Microsystem, Ceibo, Data I/O, Hi-Lo Systems
research, Needham's Electronics, System General,
SMS, Xeltek... (please check our web site for
details)
TSC8051i2 is available in EPROM version, with
following windowed packages: CDIL40, JLCC44,
JLCC52.
l
l
l
1998, TEMIC Semiconductors
Product Features
Available Versions
Development Tools
Purchase of TEMIC Semiconductors I C components conveysa license under the Philips I C Patent Rights to use these
components in an I C system, provided that the system conforms to the I C Standard Specification as defined by Philips.
2
2
2
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com