Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STD6N10 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD6N10
Description  N - CHANNEL ENHANCEMENT MODE POWER MOS TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD6N10 Datasheet(HTML) 3 Page - STMicroelectronics

  STD6N10 Datasheet HTML 1Page - STMicroelectronics STD6N10 Datasheet HTML 2Page - STMicroelectronics STD6N10 Datasheet HTML 3Page - STMicroelectronics STD6N10 Datasheet HTML 4Page - STMicroelectronics STD6N10 Datasheet HTML 5Page - STMicroelectronics STD6N10 Datasheet HTML 6Page - STMicroelectronics STD6N10 Datasheet HTML 7Page - STMicroelectronics STD6N10 Datasheet HTML 8Page - STMicroelectronics STD6N10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
tr
Turn-on Time
Rise Time
VDD =50 V
ID =3 A
RG =50
Ω
VGS =10 V
(see test circuit, figure 3)
10
40
15
60
ns
ns
(di/dt) on
Turn-on Current Slope
VDD =80 V
ID =6 A
RG =50
Ω
VGS =10 V
(see test circuit, figure 5)
280
A/
µs
Qg
Qgs
Qgd
Total Gate Charge
Gate-Source Charge
Gate-Drain Charge
VDD =80 V
ID =6 A
VGS =10 V
13
6
4
20
nC
nC
nC
SWITCHING OFF
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
tr(Voff)
tf
tc
Of f-voltage Rise Time
Fall Time
Cross-over Time
VDD =80 V
ID =6 A
RG =50
Ω VGS =10 V
(see test circuit, figure 5)
15
20
35
25
30
55
ns
ns
ns
SOURCE DRAIN DIODE
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
ISD
I SDM(
•)
Source-drain Current
Source-drain Current
(pulsed)
6
24
A
A
VSD (
∗)
Forward On Volt age
ISD =6 A
VGS =0
1.5
V
trr
Qrr
IRRM
Reverse Recovery
Time
Reverse Recovery
Charge
Reverse Recovery
Current
ISD =6 A
di/dt =100 A/
µs
VDD =30 V
Tj =150
oC
(see test circuit, figure 5)
85
0.25
6
ns
µC
A
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(
•) Pulse width limited by safe operating area
Safe Operating Area
Thermal Impedance
STD6N10
3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com