Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91SAM7S128-AI Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91SAM7S128-AI
Description  AT91 ARM Thumb-based Microcontrollers
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S128-AI Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91SAM7S128-AI Datasheet HTML 1Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 2Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 3Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 4Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 5Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 6Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 7Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 8Page - ATMEL Corporation AT91SAM7S128-AI Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
2
AT91SAM7S128 Summary Preliminary
6116AS–ATARM–20-Oct-04
• One Three-channel 16-bit Timer/Counter (TC)
– Three External Clock Inputs, Two Multi-purpose I/O Pins per Channel
– Double PWM Generation, Capture/Waveform Mode, Up/Down Capability
• One Four-channel 16-bit PWM Controller (PWMC)
• One Two-wire Interface (TWI)
– Master Mode Support Only, All Two-wire Atmel EEPROMs Supported
• One 8-channel 10-bit Analog-to-Digital Converter, Four Channels Multiplexed with Digital I/Os
• IEEE 1149.1 JTAG Boundary Scan on All Digital Pins
• 5V-tolerant I/Os, including Four High-current Drive I/O lines, Up to 16 mA Each
• Power Supplies
– Embedded 1.8V Regulator, Drawing up to 100 mA for the Core and External Components
– 3.3V VDDIO I/O Lines Power Supply, Independent 3.3V VDDFLASH Flash Power Supply
– 1.8V VDDCORE Core Power Supply with Brown-out Detector
• Fully Static Operation: Up to 55 MHz at 1.65V and 85
°C Worst Case Conditions
• Available in a 64-lead LQFP Package
Description
Atmel’s AT91SAM7S128 is a member of a series of low pincount Flash microcontrollers
based on the 32-bit ARM RISC processor. It features a 128 Kbyte high-speed Flash and
a 32 Kbyte SRAM, a large set of peripherals, including a USB 2.0 device, and a com-
plete set of system functions minimizing the number of external components. The
device is an ideal migration path for 8-bit microcontroller users looking for additional per-
formance and extended memory.
The embedded Flash memory can be programmed in-system via the JTAG-ICE inter-
face or via a parallel interface on a production programmer prior to mounting. Built-in
lock bits and a security bit protect the firmware from accidental overwrite and preserves
its confidentiality.
The AT91SAM7S128 system controller includes a reset controller capable of managing
the power-on sequence of the microcontroller and the complete system. Correct device
operation can be monitored by a built-in brown-out detector and a watchdog running off
an integrated RC oscillator.
The AT91SAM7S128 is a general-purpose microcontroller. Its integrated USB Device
port makes it an ideal device for peripheral applications requiring connectivity to a PC or
cellular phone. Its aggressive price point and high level of integration pushes its scope
of use far into the cost-sensitive, high-volume consumer market.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com