Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTE24 Datasheet(PDF) 2 Page - Riedon Powertron

Part # HTE24
Description  High Voltage / Thick Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

HTE24 Datasheet(HTML) 2 Page - Riedon Powertron

  HTE24 Datasheet HTML 1Page - Riedon Powertron HTE24 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page53
1.01
SPECIFICATIONS (continued)
0
50
100
150
200
250
300
350
400
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
Specification
Value
ResistanceRange
200Ohmsto700MOhms
Tolerances
±1%to±10%
Temperature Coefficient
±100ppm/K:-25°Cto+125°C(Standard)
±20to±150ppm/K(OnRequest)
TemperatureRange
-55°Cto+195°C
InsulationResistance
>10000MOhms
Encapsulation
EpoxyConformalCoating/siliconorglassuponrequest
EnvironmentalPerformance
(MIL-STD202)
D
R
LoadLife
±0.7%
MoistureResistance
±0.4%
ThermalShock
±0.4%
5XOverload(5s)
±0.5%
HTE Series
HighVoltage/ThickFilmResistors



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com