Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF2000 Datasheet(PDF) 2 Page - Riedon Powertron

Part # MF2000
Description  Precision / Metal Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

MF2000 Datasheet(HTML) 2 Page - Riedon Powertron

  MF2000 Datasheet HTML 1Page - Riedon Powertron MF2000 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page67
1.01
SPECIFICATIONS (continued)
PartNumber-Resistance-Tolerance-TCR
Example:MF22071.1kOhm0.05%5ppm
( Note: If no TCR is specified / the highest value will
besupplied)
MF2000 Series
Precision/MetalFilmResistors
TCR
(±ppm/K)
ResistancesAvailableatTheseTolerances
±0.05%
±0.1%
±0.25%
±0.5%
±1%
5
50-250K
10-500K
10-500K
10-500K
-
10
50-510K
5-1M
5-1M
5-1M
-
15
50-510K
5-1.5M
5-1.5M
5-2M
1-2M
25
50-510K
5-1.5M
5-3M
2-5M
1-5M
50
50-510K
5-2M
3-3M
2-5M
1-5M
0
25
50
75
100
125
150
175
200
0
20
40
60
80
100
120
AmbientTemperature(°C)
PowerDeratingCurve
TCR
(±ppm/K)
ResistancesAvailableatTheseTolerances
±0.05%
±0.1%
±0.25%
±0.5%
±1%
3
50-120K
30-200K
30-200K
30-200K
-
5
50-250K
10-500K
10-500K
10-500K
-
10
50-510K
5-1M
50-1M
50-1M
-
15
50-510K
5-1.5M
5-2M
5-2M
1-2M
25
50-510K
5-3M
2-3M
2-5M
1-5M
50
50-510K
5-3M
2-3M
2-10M
1-10M
TCR
(±ppm/K)
ResistancesAvailableatTheseTolerances
±0.05%
±0.1%
±0.25%
±0.5%
±1%
10
240-250K
100-250K
50-250K
20-510K
20-510K
15
240-250K
100-250K
50-250K
20-510K
20-510K
25
240-510K
100-1M
50-2M
20-5M
10-5M
50
100-510K
50-10M
10-10M
5-10M
3-10M
MFM2207TCR/Tolerance/ResistanceChart
MF2207TCR/Tolerance/ResistanceChart
MF2617TCR/Tolerance/ResistanceChart
Ordering Information



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com