Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMFS40 Datasheet(PDF) 1 Page - Riedon Powertron

Part # RMFS40
Description  Film Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

RMFS40 Datasheet(HTML) 1 Page - Riedon Powertron

  RMFS40 Datasheet HTML 1Page - Riedon Powertron RMFS40 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc. 300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
Fax: (626) 284-1704
www.riedon.com Sales@Riedon.com
DIMENSION (mm)
TYPE
POWER
RATING
TOL (±)
L
D
H
(min)
d
Max.
Working
Voltage
Max.
Overload
Voltage
RMF125
0.125W
1%,2%,5%
3.3 ±0.5
1.7 ±0.2
28
0.45
±0.05
200V
400V
RMFS40
0.4W
1%
3.3 ±0.5
1.7 ±0.2
28
0.45
±0.05
200V
400V
RMF25
0.25W
1%,2%,5%
6.5 ±0.5
2.3 ±0.2
25
0.60
±0.05
250V
500V
RMFS60
0.6W
1%
6.5 ±0.5
2.3 ±0.2
25
0.60
±0.05
250V
500V
RMF50
0.5W
1%,2%,5%
9.5 ±1
3.5 ±0.5
25
0.60
±0.05
350V
700V
RMFS100
1W
1%,5%
9.5 ±1
3.5 ±0.5
25
0.60
±0.05
350V
700V
RMF100
1W
1%,5%
12 ±1
4.5 ±0.5
25
0.80
±0.05
500V
1000V
RMFS200
2W
1%,5%
12 ±1
4.5 ±0.5
25
0.80
±0.05
500V
1000V
Features:
Meet Performance Requirements of
JSS Std. & MIL Std.
Miniature Size available for space
savings.
Available ranges from 10 ohm to 1M
ohm.
Values below range available on
request.
Flameproof Coating Available on
request.
TCR available 25,50,100ppm/
°C.


Similar Part No. - RMFS40

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
RMFS1W TAITRON-RMFS1W Datasheet
265Kb / 6P
Metal Film Resistor Normal & Miniature Style
RMFS2W TAITRON-RMFS2W Datasheet
265Kb / 6P
Metal Film Resistor Normal & Miniature Style
More results

Similar Description - RMFS40

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
MG55 WILLOW-MG55 Datasheet
307Kb / 1P
Film Resistors
logo
Riedon Powertron
HV37 RIEDON-HV37 Datasheet
252Kb / 1P
Film Resistors
MF50 RIEDON-MF50 Datasheet
237Kb / 1P
Film Resistors
MFM55 RIEDON-MFM55 Datasheet
277Kb / 2P
Film Resistors
MG50 RIEDON-MG50 Datasheet
241Kb / 1P
Film Resistors
MP50 RIEDON-MP50 Datasheet
241Kb / 1P
Film Resistors
MFM55 RIEDON-MFM55_12 Datasheet
221Kb / 2P
Film Resistors
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
Metal Film Resistors Metal Film Resistors
logo
RFE international
CR12 RFE-CR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
MR12 RFE-MR12_V01 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com