Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T80C5112-RKUCL Datasheet(PDF) 69 Page - ATMEL Corporation

Part # T80C5112-RKUCL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T80C5112-RKUCL Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button T80C5112-RKUCL Datasheet HTML 65Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 66Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 67Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 68Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 69Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 70Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 71Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 72Page - ATMEL Corporation T80C5112-RKUCL Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 97 page
background image
Rev. B - November 10, 2000
69
Preliminary
T80C5112
Reset Value = X0X0 0000b
Bit addressable.
Table 44. IPL0 Register
IPL0 - Interrupt Priority Register (B8h)
7
6
5
4
3
2
1
0
-
PPC
-
PS
PT1
PX1
PT0
PX0
Bit Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
PPCL
PCA Counter Interrupt Priority bit
Refer to PPCH for priority level
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
PSL
Serial port Priority bit
Refer to PSH for priority level.
3
PT1L
Timer 1 overflow interrupt Priority bit
Refer to PT1H for priority level.
2
PX1L
External interrupt 1 Priority bit
Refer to PX1H for priority level.
1
PT0L
Timer 0 overflow interrupt Priority bit
Refer to PT0H for priority level.
0
PX0L
External interrupt 0 Priority bit
Refer to PX0H for priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com