| Electronic Components Datasheet Search |
|
T80C5112-RKFCL Datasheet(PDF) 40 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKFCL Datasheet(HTML) 40 Page - ATMEL Corporation |
|
40 / 97 page ![]() 40 Rev. B - November 10, 2000 Preliminary T80C5112 12. Serial Port Interface (SPI) 12.1. Introduction The Serial Peripheral Interface module (SPI) which allows full-duplex, synchronous, serial communication between the MCU and peripheral devices, including other MCUs. 12.2. Features Features of the SPI module include the following: · Full-duplex, three-wire synchronous transfers · Master or Slave operation · Eight programmable Master clock rates · Serial clock with programmable polarity and phase · Master Mode fault error flag with MCU interrupt capability · Write collision flag protection 12.3. Signal Description Figure 15 shows a typical SPI bus configuration using one Master controller and many Slave peripherals. The bus is made of three wires connecting all the devices: Figure 15. Typical SPI bus The Master device selects the individual Slave devices by using four pins of a parallel port to control the four SS pins of the Slave devices. 12.3.1. Master Output Slave Input (MOSI) This 1-bit signal is directly connected between the Master Device and a Slave Device. The MOSI line is used to transfer data in series from the Master to the Slave. Therefore, it is an output signal from the Master, and an input signal to a Slave. A byte (8-bit word) is transmitted most significant bit (MSB) first, least significant bit (LSB)last. Slave 1 MISO MOSI SCK SS 0 1 2 3 Slave 3 Slave 4 Slave 2 VDD Master |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |