| Electronic Components Datasheet Search |
|
T80C5112-RKUIL Datasheet(PDF) 44 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
T80C5112-RKUIL Datasheet(HTML) 44 Page - ATMEL Corporation |
|
44 / 97 page ![]() 44 Rev. B - November 10, 2000 Preliminary T80C5112 Figure 18. Data Transmission Format (CPHA = 0) Figure 19. Data Transmission Format (CPHA = 1) As shown in Figure 18, the first SCK edge is the MSB capture strobe. Therefore the Slave must begin driving its data before the first SCK edge, and a falling edge on the SS pin is used to start the transmission. The SS pin must be toggled high and then low between each byte transmitted (Figure 20). Figure 20. CPHA/SS timing Figure 19 shows an SPI transmission in which CPHA is Õ1Õ. In this case, the Master begins driving its MOSI pin on the first SCK edge. Therefore the Slave uses the first SCK edge as a start transmission signal. The SS pin can remain low between transmissions (Figure 20). This format may be preferable in systems having only one Master and only one Slave driving the MISO data line. MSB bit6 bit5 bit4 bit3 bit2 bit1 LSB bit6 bit5 bit4 bit3 bit2 bit1 MSB LSB 13 24 5 6 7 8 Capture point SS (to Slave) MISO (from Slave) MOSI (from Master) SCK (CPOL = 1) SCK (CPOL = 0) SPEN (internal) SCK cycle number MSB bit6 bit5 bit4 bit3 bit2 bit1 LSB bit6 bit5 bit4 bit3 bit2 bit1 MSB LSB 13 2 4 567 8 Capture point SS (to Slave) MISO (from Slave) MOSI (from Master) SCK (CPOL = 1) SCK (CPOL = 0) SPEN (internal) SCK cycle number Byte 1 Byte 2 Byte 3 MISO/MOSI Master SS Slave SS (CPHA = 1) Slave SS (CPHA = 0) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |