Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT-5 Datasheet(PDF) 2 Page - Riedon Powertron

Part # VT-5
Description  Vitreous Enamel Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

VT-5 Datasheet(HTML) 2 Page - Riedon Powertron

  VT-5 Datasheet HTML 1Page - Riedon Powertron VT-5 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Riedon Inc.
300CypressAvenue
AlhambraCA91801
(626)284-9901
(626)284-1704
www.riedon.com
Page142
1.01
Specification
Value
Tolerances
±1%/±2%/±5%/±10%
Temperature Coefficient
Standard:+200ppm/K/Typical:+100ppm/K
TemperatureRange
-55°Cto+350°C
DielectricStrength
1500VAC
Constuction
Non-FlammableEnamelCoating
Allweldedterminations
EnvironmentalPerformance
(MIL-STD202)
D
R
Dielectric
±1%+0.05W
LoadLife
±5%+0.05W
Storage
±1%+0.05W
MoistureResistance
±5%+0.05W
ThermalShock
±1%+0.05W
10XOverload(5s)
±1%+0.05W
Shock
±1%+0.05W
Vibration
±1%+0.05W
SPECIFICATIONS (continued)
VT Series
VitreousEnamelWirewoundResistors
Power Derating Curve
0
20
40
60
80
100
0
25
75
125
175
225
275
325
350
Ambient Temperature (°C)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com