Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR20C Datasheet(PDF) 1 Page - SunLED Corporation

Part # AMR20C
Description  20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

AMR20C Datasheet(HTML) 1 Page - SunLED Corporation

  AMR20C Datasheet HTML 1Page - SunLED Corporation AMR20C Datasheet HTML 2Page - SunLED Corporation AMR20C Datasheet HTML 3Page - SunLED Corporation AMR20C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 18,2008
Drawing No : SDSA2339
V4
Checked : Shin Chi
P.1/4
Part Number:
AMR20C
20.32mm (0.8") 16 SEGMENT SINGLE
DIGIT ALPHANUMERIC DISPLAY
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
AMR20C
Red
GaAlAs
4700
17990
660
Common Cathode, Rt. Hand Decimal
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Features
● 0.8 INCH CHARACTER HEIGHT.
● LOW CURRENT OPERATION.
● HIGH CONTRAST AND LIGHT OUTPUT.
● COMMON CATHODE AND COMMON ANODE
AVAILABLE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● MECHANICALLY RUGGED.
● STANDARD : GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak Emis-
sion (Typ.)
(IF=10mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm below package base]
260°C For 3~5 Seconds
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專用, ou=SPEC專
用, email=fangdh@cn.kingbright.com, c=<無>
日期︰2008.03.19 15:04:21 +08'00'


Similar Part No. - AMR20C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AMR20C-A SUNLED-AMR20C-A Datasheet
187Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - AMR20C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AMR20A SUNLED-AMR20A Datasheet
186Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR20A-A SUNLED-AMR20A-A Datasheet
187Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR20C-A SUNLED-AMR20C-A Datasheet
187Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG20A SUNLED-AUG20A Datasheet
186Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG20A-A SUNLED-AUG20A-A Datasheet
187Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG20C SUNLED-AUG20C Datasheet
187Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG20C-A SUNLED-AUG20C-A Datasheet
188Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUR20A-A SUNLED-AUR20A-A Datasheet
186Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY20A-A SUNLED-AUY20A-A Datasheet
185Kb / 4P
20.32mm (0.8") 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY20C SUNLED-AUY20C Datasheet
174Kb / 4P
20.32mm (0.8) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com