Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMR30A Datasheet(PDF) 1 Page - SunLED Corporation

Part # AMR30A
Description  30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

AMR30A Datasheet(HTML) 1 Page - SunLED Corporation

  AMR30A Datasheet HTML 1Page - SunLED Corporation AMR30A Datasheet HTML 2Page - SunLED Corporation AMR30A Datasheet HTML 3Page - SunLED Corporation AMR30A Datasheet HTML 4Page - SunLED Corporation AMR30A Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 14,2008
Drawing No : SDSA2352
V3
Checked : Shin Chi
P.1/5
Part Number:
AMR30A
30.48mm (1.2") 16 SEGMENT SINGLE DIGIT
ALPHANUMERIC NUMERIC DISPLAY
www.SunLED.com
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
c,d,g,h,k,m,n,
s,r,t
VR
10
V
a,b,e,f,p,u
and DP
5
DC Forward Current
c,d,g,h,k,m,n,
s,r,t
IF
30
mA
a,b,e,f,p,u
and DP
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
c,d,g,h,k,m,n,
s,r,t
iFS
155
mA
a,b,e,f,p,u
and DP
Power Dissipation
c,d,g,h,k,m,n,
s,r,t
PT
150
a,b,e,f,p,u
and DP
75
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
mW
Features
● 1.2 INCH CHARACTER HEIGHT.
● LOW CURRENT OPERATION.
● HIGH CONTRAST AND LIGHT OUTPUT.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● CATEGORIZED FOR LUMINOUS INTENSITY.
● MECHANICALLY RUGGED.
● STANDARD : GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Operating Characteristics
(TA=25°C)
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
c,d,g,h,k,m,n
,s,r,t
VF
3.6
V
a,b,e,f,p,u
and DP
1.8
Forward Voltage (Max.)
(IF=10mA)
c,d,g,h,k,m,n
,s,r,t
VF
5
V
a,b,e,f,p,u
and DP
2.5
Reverse Current (Max.)
(VR=10V(5V))
c,d,g,h,k,m,n
,s,r,t
IR
10
uA
a,b,e,f,p,u
and DP
Wavelength of Peak Emission (Typ.)
(IF=10mA)
λ P
660
nm
Wavelength of Dominant Emission
(Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At Half-
Maximum (Typ.)(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專用,
ou=SPEC專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.18 08:42:52 +08'00'


Similar Part No. - AMR30A

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
AMR3001 AEC-AMR3001 Datasheet
439Kb / 4P
AMR Angle Sensor
logo
MultiDimension Technolo...
AMR3003 MULTIDIMENSION-AMR3003 Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003D MULTIDIMENSION-AMR3003D Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3003LG MULTIDIMENSION-AMR3003LG Datasheet
664Kb / 8P
Dual Axis AMR Magnetic Angle Sensor
Version 2.0.1
AMR3005 MULTIDIMENSION-AMR3005 Datasheet
796Kb / 5P
AMR3005
More results

Similar Description - AMR30A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC12-11YWA KINGBRIGHT-PSC12-11YWA Datasheet
205Kb / 5P
30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11GWA KINGBRIGHT-PSA12-11GWA Datasheet
227Kb / 5P
30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
PSA12-11SRWA KINGBRIGHT-PSA12-11SRWA Datasheet
204Kb / 5P
30.48mm(1.2 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
logo
SunLED Corporation
AMR30C SUNLED-AMR30C Datasheet
209Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30A SUNLED-AUG30A Datasheet
207Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUG30C SUNLED-AUG30C Datasheet
208Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUR30A SUNLED-AUR30A Datasheet
208Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUR30C SUNLED-AUR30C Datasheet
208Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30A SUNLED-AUY30A Datasheet
210Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
AUY30C SUNLED-AUY30C Datasheet
211Kb / 5P
30.48mm (1.2) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC NUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com