Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AUG60C Datasheet(PDF) 1 Page - SunLED Corporation

Part # AUG60C
Description  56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

AUG60C Datasheet(HTML) 1 Page - SunLED Corporation

  AUG60C Datasheet HTML 1Page - SunLED Corporation AUG60C Datasheet HTML 2Page - SunLED Corporation AUG60C Datasheet HTML 3Page - SunLED Corporation AUG60C Datasheet HTML 4Page - SunLED Corporation AUG60C Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Published Date : MAR 18,2008
Drawing No : SDSA2363
V3
Checked : Shin Chi
P.1/5
Part Number:
AUG60C
56.8mm (2.3 ") 16 SEGMENT SINGLE DIGIT
ALPHANUMERIC DISPLAY
www.SunLED.com
Operating Characteristics
(TA=25°C)
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
A1,A2,D1,D2,
P,K
VF
4
V
B,C,E,F,G,H,
J,L,M,N
DP
2
Forward Voltage (Max.)
(IF=10mA)
A1,A2,D1,D2,
P,K
VF
5
V
B,C,E,F,G,H,
J,L,M,N
DP
2.5
Reverse Current (Max.)
(VR=10V)
A1,A2,D1,D2,
P,K
IR
10
uA
Reverse Current (Max.)
(VR=10V)
B,C,E,F,G,H,
J,L,M,N
20
Reverse Current (Max.)
(VR=5V)
DP
10
Wavelength of Peak Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength of Dominant Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width At Half-
Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
C
15
pF
Capacitance (Typ.)
(VF=0V, f=1MHz)
Absolute maximum ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
A1,A2,D1,
D2,P,K
VR
10
V
B,C,E,F,G,
H,J,L,M,N
10
DP
5
Forward Current
A1,A2,D1,
D2,P,K
IF
25
mA
B,C,E,F,G,
H,J,L,M,N
50
DP
25
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
A1,A2,D1,
D2,P,K
iFS
140
mA
B,C,E,F,G,
H,J,L,M,N
280
DP
140
Power Dissipation
A1,A2,D1,
D2,P,K
PT
125
mW
B,C,E,F,G,
H,J,L,M,N
250
DP
62.5
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
Features
●2.3 INCH CHARACTER HEIGHT.
●LOW CURRENT OPERATION.
●HIGH CONTRAST AND LIGHT OUTPUT.
●EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
●MECHANICALLY RUGGED.
●STANDARD: GRAY FACE, WHITE SEGMENT.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
R.
CHE
N
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無
>
日期︰2008.03.18
11:46:13 +08'00'


Similar Part No. - AUG60C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
AUG60A SUNLED-AUG60A Datasheet
225Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results

Similar Description - AUG60C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
PSC23-11GWA KINGBRIGHT-PSC23-11GWA Datasheet
237Kb / 6P
56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSC23-11EWA KINGBRIGHT-PSC23-11EWA Datasheet
240Kb / 6P
56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
PSA23-11YWA KINGBRIGHT-PSA23-11YWA Datasheet
238Kb / 6P
56.8mm (2.3 INCH) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
logo
SunLED Corporation
AMR60A SUNLED-AMR60A Datasheet
226Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AMR60C SUNLED-AMR60C Datasheet
227Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUG60A SUNLED-AUG60A Datasheet
225Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUR60A SUNLED-AUR60A Datasheet
240Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUR60C SUNLED-AUR60C Datasheet
240Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY60A SUNLED-AUY60A Datasheet
238Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
AUY60C SUNLED-AUY60C Datasheet
239Kb / 5P
56.8mm (2.3 ) 16 SEGMENT SINGLE DIGIT ALPHANUMERIC DISPLAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com