Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS83C320-ENG Datasheet(PDF) 65 Page - Dallas Semiconductor

Part # DS83C320-ENG
Description  High-Speed Microcontroller User Guide
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS83C320-ENG Datasheet(HTML) 65 Page - Dallas Semiconductor

Back Button DS83C320-ENG Datasheet HTML 61Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 62Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 63Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 64Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 65Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 66Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 67Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 68Page - Dallas Semiconductor DS83C320-ENG Datasheet HTML 69Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 175 page
background image
High-Speed Microcontroller User’s Guide
65 of 175
Register Indirect with Displacement
Register Indirect Addressing with Displacement is used to access data in lookup tables in program
memory space. The location is created using a base address with an index. The base address can be
either the PC or the DPTR. The index is the accumulator. The result is stored in the accumulator. An
example is as follows.
MOVC
A, @A +DPTR
;Load the accumulator with the contents
of program memory
;pointed to by the contents of the DPTR
plus the value in
;the accumulator.
Relative Addressing
Relative Addressing is used to determine a destination address for Conditional branch. Each of these
instructions includes an 8-bit value that contains a two’s complement address offset (–127 to +128) which
is added to the PC to determine the destination address. This destination is branched to when the tested
condition is true. The PC points to the program memory location immediately following the branch
instruction when the offset is added. If the tested condition is not true, the next instruction is performed.
An example is as follows.
JZ
$–20
;Branch to the location (PC+2)–20
;if the contents of the accumulator = 0.
Page Addressing
Page Addressing is used by the Branching instructions to specify a destination address within the same
2KB block as the next contiguous instruction. The full 16-bit address is calculated by taking the five
highest order bits for the next instruction (PC+2) and concatenating them with the lowest order 11 bit
field contained in the current instruction. An example is as follows.
0870h
ACALL100h ;Call to the subroutine at address 100h
plus the
;current page address.
In this example, the current page address is 800h, so the destination address is 900h.
Extended Addressing
Extended Addressing is used by the Branching instructions to specify a 16-bit destination address within
the 64KB address space. The destination address is fixed in software as an absolute value. An example
is as follows.
LJMP
0F732h
;Jump to address 0F732h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com