Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BUG34D Datasheet(PDF) 1 Page - SunLED Corporation

Part # BUG34D
Description  T-1 (3mm) BLINKING LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

BUG34D Datasheet(HTML) 1 Page - SunLED Corporation

  BUG34D Datasheet HTML 1Page - SunLED Corporation BUG34D Datasheet HTML 2Page - SunLED Corporation BUG34D Datasheet HTML 3Page - SunLED Corporation BUG34D Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 24,2008
Drawing No : SDSA3460
V3
Checked : B.L.LIU
P.1/4
Part Number:
BUG34D
T-1 (3mm) BLINKING LED LAMP
www.SunLED.com
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Absolute maximum ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
VR
0.5
V
Forward Voltage
VF
14
V
Power Dissipation
PT
310
mW
Operating Temperature
TA
-40 ~ +70
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 Seconds
Lead Solder Temperature
[5mm Below Package Base]
260°C For 5 Seconds
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(V= 9V)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
BUG34D
Green
GaP
Green Diffused
5
14
565
60°
Features
T-1 PACKAGE WITH RECTANGULAR BASE.
WITH BUILT-IN BLINKING IC.
OPERATION VOLTAGE FROM 3.5V TO 14V.
BLINKING FREQUENCY FROM 3.0Hz TO 1.5Hz.
RoHS COMPLIANT.
Operating Characteristics
(TA=25°C)
UG
(GaP)
Unit
Forward Current (Min.)
(VF=3.5V)
IF
8
mA
Forward Current (Typ.)
(VR=5V)
IF
22
mA
Supply Current (Typ.)
(VF=3.5V)
ISON
8
mA
Supply Current (Typ.)
(VF=14V)
ISON
44
mA
Blink Frequency
(Min.~Max.)
(VF=3.5V~14V)
f
1.5~3
Hz
Wavelength of Peak
Emission (Typ.)
λ P
565
nm
Wavelength of Dominant
Emission (Typ.)
λ D
568
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
Δλ
30
nm
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<
無>
日期︰2008.03.24
10:41:12 +08'00'


Similar Part No. - BUG34D

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
BUG53D SUNLED-BUG53D Datasheet
176Kb / 4P
T-1 3/4 (5mm) BLINKING LED LAMP
logo
Zowie Technology Corpor...
BUGC20DAPH ZOWIE-BUGC20DAPH Datasheet
63Kb / 2P
Ultrafast Efficient Rectifier
BUGC20DH ZOWIE-BUGC20DH Datasheet
56Kb / 2P
Ultrafast Efficient Rectifier
BUGC20GH ZOWIE-BUGC20GH Datasheet
56Kb / 2P
Ultrafast Efficient Rectifier
BUGC20JH ZOWIE-BUGC20JH Datasheet
56Kb / 2P
Ultrafast Efficient Rectifier
More results

Similar Description - BUG34D

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
L-36BID KINGBRIGHT-L-36BID Datasheet
55Kb / 3P
T-1 (3mm) BLINKING LED LAMP
WP36BGD KINGBRIGHT-WP36BGD Datasheet
390Kb / 6P
T-1 (3mm) BLINKING LED LAMP
WP36BHD KINGBRIGHT-WP36BHD Datasheet
390Kb / 6P
T-1 (3mm) BLINKING LED LAMP
WP36BID KINGBRIGHT-WP36BID Datasheet
391Kb / 6P
T-1 (3mm) BLINKING LED LAMP
WP36BSRD-B KINGBRIGHT-WP36BSRD-B Datasheet
390Kb / 6P
T-1 (3mm) BLINKING LED LAMP
WP36BYD KINGBRIGHT-WP36BYD Datasheet
390Kb / 6P
T-1 (3mm) BLINKING LED LAMP
logo
SunLED Corporation
BMR34D SUNLED-BMR34D Datasheet
180Kb / 4P
T-1 (3mm) BLINKING LED LAMP
BUR34D SUNLED-BUR34D Datasheet
180Kb / 4P
T-1 (3mm) BLINKING LED LAMP
BUY34D SUNLED-BUY34D Datasheet
180Kb / 4P
T-1 (3mm) BLINKING LED LAMP
logo
Kingbright Corporation
WP36BHD KINGBRIGHT-WP36BHD_15 Datasheet
308Kb / 6P
T-1 (3mm) BLINKING LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com