Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS325 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS325
Description  AT-CUT CRYSTAL UNIT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CS325 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS325 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
http://www.citizen.co.jp/english/crystal/index.html
14
■DIMENSION [mm]
■SOLDER PAD LAYOUT [mm]
f0
△
f/f0
△
f/f0
TOPR
TSTR
R1
CL
C0
DL
IR
△
f/f0
13.0MHz∼54.0MHz(Fundamental)
13.0MHz≦f0<16.0MHz
Need to contact us for the available frequency
150ΩMax.
16.0MHz≦f0<20.0MHz
120ΩMax.
20.0MHz≦f0<30.0MHz
80ΩMax.
30.0MHz≦f0<54.0MHz
50ΩMax.
at 25˚C
−
10℃∼+60℃
at 25˚C
Need to specify your requirement
DC100V±15V
25℃±3℃
±30ppm
±30ppm
−
40℃∼+85℃
−
55℃∼+125℃
Refer to the following table
16.0pF, 18.0pF
5.0pF Max.
10μW(100μW Max.)
500MΩMin.
±5ppm Max.
Internal connection
(Top View)
3.2±0.1
#4
#4
#1
#1
#3
#3
#2
#2
#4
#1
#3
#2
4−1.0
1.4
0.8
1.4
■MOTIONAL (SERIES) RESISTANCE (R1)
■STANDARD SPECIFICATIONS
CS325
Life-size
■FEATURES
7High-density SMD type.
7Reliable ceramic package and excellent
environmental characteristics.
7Suitable for various applications such as
communication devices, AV devices and other
equipment.
CS325
AT-CUT CRYSTAL UNIT (SMD • Ceramic Package)
Nominal Frequency
Frequency Tolerance
Frequency Tolerance over
Operating Temperature Range
Operating Temperature Range
Storage Temperature Range
Motional (series) resistance
Load capacitance
Shunt capacitance
Level of drive
Insulation Resistance
Aging (first year)
Item
Model
Conditions
Frequency Range
ESR
3000pcs/reel


Similar Part No. - CS325

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CS325 CITIZEN-CS325 Datasheet
70Kb / 1P
AT-CUT CRYSTAL UNIT
logo
Campbell Scientific Uni...
CS325DM-L CAMPBELL-CS325DM-L Datasheet
465Kb / 2P
Silicon Irradiance Reference Sensor
08/01/2022
logo
List of Unclassifed Man...
CS325H ETC2-CS325H Datasheet
79Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS325H CITIZEN-CS325H Datasheet
751Kb / 1P
AT-CUT CRYSTAL UNIT
CS325S CITIZEN-CS325S Datasheet
458Kb / 2P
AT-CUT CRYSTAL UNIT
More results

Similar Description - CS325

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS10 ETC2-CS10_1 Datasheet
794Kb / 1P
AT-CUT CRYSTAL UNIT
CS325H ETC2-CS325H Datasheet
79Kb / 1P
AT-CUT CRYSTAL UNIT
HC49US ETC-HC49US Datasheet
818Kb / 1P
AT-CUT CRYSTAL UNIT
HCM49 ETC-HCM49 Datasheet
855Kb / 1P
AT-CUT CRYSTAL UNIT
logo
RSG Electronic Componen...
CM309S RSG-CM309S Datasheet
214Kb / 1P
AT-CUT CRYSTAL UNIT
logo
CITIZEN ELECTRONICS CO....
CS204.000MABJ-UT CITIZEN-CS204.000MABJ-UT Datasheet
812Kb / 1P
AT-CUT CRYSTAL UNIT
CM309E CITIZEN-CM309E Datasheet
389Kb / 2P
AT-CUT CRYSTAL UNIT
CM309S CITIZEN-CM309S Datasheet
862Kb / 1P
AT-CUT CRYSTAL UNIT
CS325H CITIZEN-CS325H Datasheet
751Kb / 1P
AT-CUT CRYSTAL UNIT
HC49US CITIZEN-HC49US Datasheet
819Kb / 1P
AT-CUT CRYSTAL UNIT
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com