Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STF817 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF817
Description  PNP MEDIUM POWER TRANSISTORS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF817 Datasheet(HTML) 1 Page - STMicroelectronics

  STF817 Datasheet HTML 1Page - STMicroelectronics STF817 Datasheet HTML 2Page - STMicroelectronics STF817 Datasheet HTML 3Page - STMicroelectronics STF817 Datasheet HTML 4Page - STMicroelectronics STF817 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
STF817
STN817
PNP MEDIUM POWER TRANSISTORS
s
SURFACE-MOUNTING DEVICES IN
MEDIUM POWER SOT-223 AND SOT-89
PACKAGES
s
AVAILABLE IN TAPE & REEL PACKING
APPLICATIONS
s
VOLTAGE REGULATION
s
RELAY DRIVER
s
GENERIC SWITCH
DECRIPTION
The STF817 and STN817 are PNP transistors
manufactured using Planar Technology resulting
in rugged high performance devices.
INTERNAL SCHEMATIC DIAGRAM
April 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Devices
STN817
STF817
Packages
SOT-223
SOT-89
VCBO
Collector-Base Voltage (IE = 0)
-120
V
VCEO
Collector-Emitter Voltage (IB = 0)
-80
V
VEBO
Emitter-Base Voltage (IC = 0)
-5
V
IC
Collector Current
-1.5
A
ICM
Collector Peak Current (tp < 5 ms)
-2
A
IB
Base Current
-0.3
A
IBM
Base Peak Current (tp < 5 ms)
-0.6
A
Ptot
Total Dissipation at Tc = 25
o C
1.6
1.4
W
Tstg
Storage Temperature
-65 to 150
o C
Tj
Max. Operating Junction Temperature
150
o C
1
2
2
3
SOT-223
®
SOT-89
Type
Marking
STF817
817
STN817
N817
1/5


Similar Part No. - STF817

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF817A STMICROELECTRONICS-STF817A Datasheet
61Kb / 9P
PNP MEDIUM POWER TRANSISTOR
03-Nov-2005
More results

Similar Description - STF817

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC160 PHILIPS-BC160 Datasheet
50Kb / 8P
PNP medium power transistors
1997 May 12
BCP51 PHILIPS-BCP51 Datasheet
44Kb / 8P
PNP medium power transistors
1999 Apr 08
logo
Microsemi Corporation
2N3740 MICROSEMI-2N3740 Datasheet
62Kb / 3P
Medium Power PNP Transistors
2N3741A MICROSEMI-2N3741A Datasheet
62Kb / 3P
Medium Power PNP Transistors
logo
Guangdong Kexin Industr...
BCX51 KEXIN-BCX51 Datasheet
53Kb / 2P
PNP Medium Power Transistors
logo
New Jersey Semi-Conduct...
2N3740A NJSEMI-2N3740A Datasheet
234Kb / 2P
MEDIUM POWER PNP TRANSISTORS
2N3741 NJSEMI-2N3741 Datasheet
200Kb / 2P
MEDIUM POWER PNP TRANSISTORS
logo
Guangdong Kexin Industr...
KCP5-16 KEXIN-KCP5-16 Datasheet
280Kb / 3P
PNP Medium Power Transistors
logo
Leshan Radio Company
LBTP180Z4TZHG LRC-LBTP180Z4TZHG Datasheet
406Kb / 5P
PNP medium power transistors
logo
Nexperia B.V. All right...
BSP31 NEXPERIA-BSP31 Datasheet
327Kb / 7P
PNP medium power transistors
1999 Apr 26
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com