Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR14C2 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR14C2
Description  14.22mm (0.56?? DUAL DIGIT MUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR14C2 Datasheet(HTML) 1 Page - SunLED Corporation

  DMR14C2 Datasheet HTML 1Page - SunLED Corporation DMR14C2 Datasheet HTML 2Page - SunLED Corporation DMR14C2 Datasheet HTML 3Page - SunLED Corporation DMR14C2 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 29, 2008
Drawing No : SDSA2220
V4
Checked : Shin Chi
P.1/4
14.22mm (0.56”) DUAL DIGIT MUMERIC DISPLAY
Part Number:
DMR14C2
www.SunLED.com
Features
● 0.56 INCH DIGIT HEIGHT.
● LOW CURRENT OPERATION.
● EXCELLENT CHARACTER APPEARANCE.
● EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
● TWO DIGIT PACKAGE SIMPLIFIES ALIGNMENTS &
ASSEMBLY.
● I.C. COMPATIBLE.
● MECHANICALLY RUGGED.
● STANDARD: GRAY FACE, WHITE SEGMENT.
● RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR14C2
Red
GaAlAs
8000
27490
660
Common Cathode, Rt. Hand Decimal
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 –5Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ p
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice
.
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用, email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.05 16:04:09
+08'00'


Similar Part No. - DMR14C2

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR14C SUNLED-DMR14C Datasheet
180Kb / 4P
14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
DMR14C-1 SUNLED-DMR14C-1 Datasheet
186Kb / 4P
14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
DMR14C3 SUNLED-DMR14C3 Datasheet
188Kb / 4P
14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DMR14C3-A SUNLED-DMR14C3-A Datasheet
187Kb / 4P
14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
DMR14C3-B SUNLED-DMR14C3-B Datasheet
187Kb / 4P
14.22mm (0.56") THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR14C2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XDUG14C2 ETC1-XDUG14C2 Datasheet
217Kb / 3P
14.22mm (0.56) DUAL DIGIT MUMERIC DISPLAY
logo
SunLED Corporation
DMR14A2 SUNLED-DMR14A2 Datasheet
187Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DBBA14A2 SUNLED-DBBA14A2 Datasheet
196Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DUR14A2 SUNLED-DUR14A2 Datasheet
187Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
DUG14A2 SUNLED-DUG14A2 Datasheet
187Kb / 4P
14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
DUG14C2 SUNLED-DUG14C2 Datasheet
193Kb / 4P
14.22mm (0.56) DUAL DIGIT MUMERIC DISPLAY
DUR14C2 SUNLED-DUR14C2 Datasheet
188Kb / 4P
14.22mm (0.56?? DUAL DIGIT MUMERIC DISPLAY
DUY14A2 SUNLED-DUY14A2 Datasheet
189Kb / 4P
14.22mm (0.56?? DUAL DIGIT NUMERIC DISPLAY
DUY14C2 SUNLED-DUY14C2 Datasheet
195Kb / 4P
14.22mm (0.56) DUAL DIGIT MUMERIC DISPLAY
DVG14C2 SUNLED-DVG14C2 Datasheet
194Kb / 4P
14.22mm (0.56) DUAL DIGIT MUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com