Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR09C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR09C
Description  9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR09C Datasheet(HTML) 1 Page - SunLED Corporation

  DMR09C Datasheet HTML 1Page - SunLED Corporation DMR09C Datasheet HTML 2Page - SunLED Corporation DMR09C Datasheet HTML 3Page - SunLED Corporation DMR09C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 03, 2008
Drawing No : SDSA2031
V4
Checked : Shin Chi
P.1/4
Part Number:
DMR09C
9
.14mm (0.36”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR09C
Red
GaAlAs
1900
8190
660
Common Cathode, Rt. Hand Decimal.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3 –5Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ p
660
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
Features
0.36 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
CATEGORIZED FOR LUMINOUS INTENSITY.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice
.
R.CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.03 19:20:41
+08'00'


Similar Part No. - DMR09C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR09C3 SUNLED-DMR09C3 Datasheet
189Kb / 4P
9mm (0.36) THREE DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR09C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SC36-11SRWA KINGBRIGHT-SC36-11SRWA Datasheet
181Kb / 4P
9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
SC36-11EWA KINGBRIGHT-SC36-11EWA Datasheet
183Kb / 4P
9.14mm (0.36INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR09A SUNLED-DMR09A Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUG09A SUNLED-DUG09A Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUG09C SUNLED-DUG09C Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUR09A SUNLED-DUR09A Datasheet
179Kb / 4P
9.14mm (0.36?? SINGLE DIGIT NUMERIC DISPLAY
DUR09C SUNLED-DUR09C Datasheet
181Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUY09A SUNLED-DUY09A Datasheet
178Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
DUY09C SUNLED-DUY09C Datasheet
177Kb / 4P
9.14mm (0.36?? SINGLE DIGIT NUMERIC DISPLAY
logo
Inolux Corporation
HNTS36 INOLUX-HNTS36 Datasheet
1Mb / 17P
0.36 Single Digit Numeric Display
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com