Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SOT23-6L Datasheet(PDF) 2 Page - STMicroelectronics

Part # SOT23-6L
Description  LOW VOLTAGE 4ohm SPDT SWITCH
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SOT23-6L Datasheet(HTML) 2 Page - STMicroelectronics

  SOT23-6L Datasheet HTML 1Page - STMicroelectronics SOT23-6L Datasheet HTML 2Page - STMicroelectronics SOT23-6L Datasheet HTML 3Page - STMicroelectronics SOT23-6L Datasheet HTML 4Page - STMicroelectronics SOT23-6L Datasheet HTML 5Page - STMicroelectronics SOT23-6L Datasheet HTML 6Page - STMicroelectronics SOT23-6L Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LOGIC DIAGRAM
TRUTH TABLE
I N
SWIT CH S1
SW ITCH S2
L
ON
OFF
H
OFF
ON
PIN DESCRIPTION
PI N No
SYMBOL
NAME AND FUNCT ION
1
IN
Control
4, 6
S1, S2
Independent Channel
5
D
Common Channel
3
GND
Ground (0V)
2VCC
Positive Supply Voltage
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCC
Supply Voltage
-0.5 to +7
V
VI
DC Input Voltage
-0.5 to VCC + 0.5
V
VIC
Control Input Voltage
-0.5 to VCC + 0.5
V
VO
DC Output Voltage
-0.5 to VCC + 0.5
V
IIK
DC Input Diode Current
± 20
mA
IOK
DC Output Diode Current
± 20
mA
IO
DC Output Current
± 50
mA
ICC or IGND DC VCC or Ground Current
± 50
mA
Tstg
Storage Temperature
-65 to +150
oC
TL
Lead Temperature (10 sec)
300
oC
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional operation under these condition is not implied.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Valu e
Uni t
VCC
Supply Voltage (note 1)
1.8 to 5.5
V
VI
Input Voltage
0 to VCC
V
VIC
Control Input Voltage
0 to VCC
V
VO
Output Voltage
0 to VCC
V
Top
Operating Temperature:
-40 to +85
oC
dt/dv
Input Rise and Fall Time (note 2)
0 to 10
ns/V
1) Truth Table guaranteed: 1.2V to 6V
2) VIN from 30% to70%VCC
STG719
2/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com