Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DBBA14C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DBBA14C
Description  14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DBBA14C Datasheet(HTML) 1 Page - SunLED Corporation

  DBBA14C Datasheet HTML 1Page - SunLED Corporation DBBA14C Datasheet HTML 2Page - SunLED Corporation DBBA14C Datasheet HTML 3Page - SunLED Corporation DBBA14C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : MAR 03, 2008
Drawing No : SDSA6489
V1
Checked : Shin Chi
P.1/4
Part Number:
DBBA14C
14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DBBA14C
Blue
InGaN
1900
10290
468
Common Cathode, Rt. Hand
Decimal
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
0.56 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
BBA
(InGaN)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
100
mA
Power Dissipation
PT
120
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Electrostatic Discharge Threshold (HBM)
1000
V
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
BBA
(InGaN)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
3.05
V
Forward Voltage (Max.)
(IF=10mA)
VF
4.0
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak Emis-
sion (Typ.)
(IF=10mA)
λ P
468
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=10mA)
λ D
470
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
21
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
100
pF
Operating Characteristics
(TA=25°C)
ATTENTION
OBSERVE PRECAUTIONS
FOR HANDLING
ELECTROSTATIC
DISCHARGE
SENSITIVE
DEVICES
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN, o=SPEC專
用, ou=SPEC專用,
email=fangdh@cn.kingbright.
com, c=<無>
日期︰2008.03.13 15:42:21
+08'00'


Similar Part No. - DBBA14C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DBBA14C-1 SUNLED-DBBA14C-1 Datasheet
190Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DBBA14C2 SUNLED-DBBA14C2 Datasheet
198Kb / 4P
14.22mm (0.56) DUAL DIGIT NUMERIC DISPLAY
More results

Similar Description - DBBA14C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
XDUR14A SUNLED-XDUR14A Datasheet
212Kb / 3P
14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
DMR14C-1 SUNLED-DMR14C-1 Datasheet
186Kb / 4P
14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
DMR14C SUNLED-DMR14C Datasheet
180Kb / 4P
14.2mm (0.56") SINGLE DIGIT NUMERIC DISPLAY
DBBA14A-1 SUNLED-DBBA14A-1 Datasheet
190Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUR14A-1 SUNLED-DUR14A-1 Datasheet
186Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUG14A-1 SUNLED-DUG14A-1 Datasheet
187Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUR14C SUNLED-DUR14C Datasheet
181Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUY14A SUNLED-DUY14A Datasheet
183Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
DUY14A-1 SUNLED-DUY14A-1 Datasheet
188Kb / 4P
14.2mm (0.56?? SINGLE DIGIT NUMERIC DISPLAY
DUY14C-1 SUNLED-DUY14C-1 Datasheet
188Kb / 4P
14.2mm (0.56) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com