Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMR06C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DMR06C
Description  8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DMR06C Datasheet(HTML) 1 Page - SunLED Corporation

  DMR06C Datasheet HTML 1Page - SunLED Corporation DMR06C Datasheet HTML 2Page - SunLED Corporation DMR06C Datasheet HTML 3Page - SunLED Corporation DMR06C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 29.2008
Drawing No :SDSA2009
V4
Checked : Shin Chi
P.1/4
Part Number:
DMR06C
8mm (0.32”) SINGLE DIGIT NUMERIC DISPLAY
www.SunLED.com
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DMR06C
Red
GaAlAs
8000
23990
660
Common Cathode, Rt.Hand Decimal
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
0.32 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
HIGH LIGHT OUTPUT.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse voltage
VR
5
V
Forward current
IF
30
mA
Forward current (peak)
1/10Duty cycle
0.1ms pulse width
iFS
155
mA
Power dissipation
PT
75
mW
Operating temperature
TA
-40 ~ +85
Storage temperature
Tstg
-40 ~ +85
Lead solder temperature
[2mm below package base]
260°C For 3-5 Seconds
°C
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
1.8
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=10mA)
λ P
660
nm
Wavelength of Dominant
Emission (Typ.)
(IF=10mA)
λ D
640
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用, ou=SPEC
專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.05
11:24:05 +08'00'


Similar Part No. - DMR06C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR06C-1 SUNLED-DMR06C-1 Datasheet
181Kb / 4P
8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DMR06C4 SUNLED-DMR06C4 Datasheet
231Kb / 5P
6.2mm (0.25?? FOUR DIGIT NUMERIC DISPLAY
DMR06C4-A SUNLED-DMR06C4-A Datasheet
231Kb / 5P
6.2mm (0.25INCH) FOUR DIGIT NUMERIC DISPLAY
More results

Similar Description - DMR06C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DMR06A SUNLED-DMR06A Datasheet
184Kb / 4P
8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DMR06C-1 SUNLED-DMR06C-1 Datasheet
181Kb / 4P
8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUY06A-1 SUNLED-DUY06A-1 Datasheet
181Kb / 4P
8mm (0.32") SINGLE DIGIT NUMERIC DISPLAY
DUG06A-1 SUNLED-DUG06A-1 Datasheet
180Kb / 4P
8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUG06A SUNLED-DUG06A Datasheet
184Kb / 4P
8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUG06C SUNLED-DUG06C Datasheet
184Kb / 4P
8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
DUR06A SUNLED-DUR06A Datasheet
185Kb / 4P
8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUR06C SUNLED-DUR06C Datasheet
185Kb / 4P
8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06C SUNLED-DUY06C Datasheet
185Kb / 4P
8mm (0.32?? SINGLE DIGIT NUMERIC DISPLAY
DUY06C-1 SUNLED-DUY06C-1 Datasheet
183Kb / 4P
8mm (0.32) SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com