Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUG06A4 Datasheet(PDF) 4 Page - SunLED Corporation

Part # DUG06A4
Description  6.2mm (0.25) FOUR DIGIT NUMERIC DISPLAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG06A4 Datasheet(HTML) 4 Page - SunLED Corporation

  DUG06A4 Datasheet HTML 1Page - SunLED Corporation DUG06A4 Datasheet HTML 2Page - SunLED Corporation DUG06A4 Datasheet HTML 3Page - SunLED Corporation DUG06A4 Datasheet HTML 4Page - SunLED Corporation DUG06A4 Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : FEB 28,2008
Drawing No : SDSA2287
V4
Checked : Shin Chi
P.4/5
Part Number:
DUG06A4
6.2mm (0.25”) FOUR DIGIT NUMERIC DISPLAY
www.SunLED.com
Remarks:
If special sorting is required (e.g. binning based on forward voltage, luminous intensity/ luminous flux or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous Intensity/ luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.kingbright.
com, c=<無>
日期︰2008.03.05 08:16:22
+08'00'



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com