Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD3NB60SD Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD3NB60SD
Description  N-CHANNEL 3A - 600V DPAK Power MESH IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD3NB60SD Datasheet(HTML) 3 Page - STMicroelectronics

  STGD3NB60SD Datasheet HTML 1Page - STMicroelectronics STGD3NB60SD Datasheet HTML 2Page - STMicroelectronics STGD3NB60SD Datasheet HTML 3Page - STMicroelectronics STGD3NB60SD Datasheet HTML 4Page - STMicroelectronics STGD3NB60SD Datasheet HTML 5Page - STMicroelectronics STGD3NB60SD Datasheet HTML 6Page - STMicroelectronics STGD3NB60SD Datasheet HTML 7Page - STMicroelectronics STGD3NB60SD Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING OFF
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
tr(voff)
td(off)
tf
Eoff(**)
Cross-Over Time
Off Voltage Rise Time
Delay Time
Fall Time
Turn-off Switching Loss
VCC = 480 V
IC = 3 A
RGE = 1 k
Ω
VGE = 15 V
1.8
1.0
3.4
0.72
1.15
µs
µs
µs
µs
mJ
tc
tr(voff)
td(off)
tf
Eoff(**)
Cross-Over Time
Off Voltage Rise Time
Delay Time
Fall Time
Turn-off Switching Loss
VCC = 480 V
IC = 3 A
RGE = 1k
Ω
VGE = 15 V
Tj = 125
oC
2.8
1.45
3.6
1.2
1.8
µs
µs
µs
µs
mJ
COLLECTOR-EMITTER DIODE
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
If
Ifm
Forward Current
Forward Current pulsed
3
25
A
A
Vf
Forward On-Voltage
If = 3 A
If = 1 A
1.55
1.15
1.9
V
V
trr
Qrr
Irrm
Reverse Recovery Time
Reverse Recovery Charge
Reverse Recovery Current
If = 3 A
VR=200 V
dI/dt = 100 A/
µS
Tj = 125
oC
1700
4500
9.5
ns
nC
A
(
•) Pulse width limited by max. junction temperature
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(**)Losses Include Also The Tail (Jedec Standardization)
Thermal Impedance
STGD3NB60SD
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com