Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGD7NB60H Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGD7NB60H
Description  N-CHANNEL 7A - 600V - DPAK PowerMESH™ IGBT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGD7NB60H Datasheet(HTML) 3 Page - STMicroelectronics

  STGD7NB60H Datasheet HTML 1Page - STMicroelectronics STGD7NB60H Datasheet HTML 2Page - STMicroelectronics STGD7NB60H Datasheet HTML 3Page - STMicroelectronics STGD7NB60H Datasheet HTML 4Page - STMicroelectronics STGD7NB60H Datasheet HTML 5Page - STMicroelectronics STGD7NB60H Datasheet HTML 6Page - STMicroelectronics STGD7NB60H Datasheet HTML 7Page - STMicroelectronics STGD7NB60H Datasheet HTML 8Page - STMicroelectronics STGD7NB60H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
STGD7NB60H
ELECTRICAL CHARACTERISTICS (CONTINUED)
SWITCHING OFF
Note: 1. Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %.
2. Pulse width limited by max. junction temperature.
(**)Losses include Also the Tail (Jedec Standardization)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tc
Cross-over Time
Vcc = 480 V, IC = 7 A,
RGE = 10 Ω , VGE = 15 V
85
ns
tr(Voff)
Off Voltage Rise Time
20
ns
td(off)
Delay Time
75
ns
tf
Fall Time
70
ns
Eoff(**)
Turn-off Switching Loss
85
µJ
Ets
Total Switching Loss
130
µJ
tc
Cross-over Time
Vcc = 480 V, IC = 3 A,
RGE = 10 Ω , VGE = 15 V
Tj = 125 °C
150
ns
tr(Voff)
Off Voltage Rise Time
50
ns
td(off)
Delay Time
110
ns
tf
Fall Time
110
ns
Eoff(**)
Turn-off Switching Loss
220
µJ
Ets
Total Switching Loss
290
µJ
Thermal Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com