Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUG09C3 Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUG09C3
Description  9mm (0.36) THREE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG09C3 Datasheet(HTML) 1 Page - SunLED Corporation

  DUG09C3 Datasheet HTML 1Page - SunLED Corporation DUG09C3 Datasheet HTML 2Page - SunLED Corporation DUG09C3 Datasheet HTML 3Page - SunLED Corporation DUG09C3 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 11, 2008
Drawing No : SDSA2236
V3
Checked : Shin Chi
P.1/4
Part Number:
DUG09C3
9mm (0.36”) THREE DIGIT NUMERIC DISPLAY
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUG09C3
Green
GaP
3000
7990
565
Common Cathode, Rt. Hand Decimal
Features
0.36 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
●RoHS COMPLIANT.
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Absolute maximum ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
62.5
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
°C
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength Of Dominant Emis-
sion (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width At
Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.03.11
13:52:33 +08'00'


Similar Part No. - DUG09C3

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG09C SUNLED-DUG09C Datasheet
179Kb / 4P
9.14mm (0.36) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG09C3

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
BA36-12GWA KINGBRIGHT-BA36-12GWA Datasheet
99Kb / 3P
9mm (0.36INCH) THREE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR09A3 SUNLED-DMR09A3 Datasheet
188Kb / 4P
9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DMR09C3 SUNLED-DMR09C3 Datasheet
189Kb / 4P
9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUG09A3 SUNLED-DUG09A3 Datasheet
187Kb / 4P
9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUR09A3 SUNLED-DUR09A3 Datasheet
189Kb / 4P
9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUR09C3 SUNLED-DUR09C3 Datasheet
189Kb / 4P
9mm (0.36) THREE DIGIT NUMERIC DISPLAY
DUY09A3 SUNLED-DUY09A3 Datasheet
191Kb / 4P
9mm (0.36?? THREE DIGIT NUMERIC DISPLAY
logo
Lucky Light Electronic
KW3-361 LUCKY-LIGHT-KW3-361 Datasheet
52Kb / 1P
LED Numeric Display Three Digit (0.36)
KW3-362 LUCKY-LIGHT-KW3-362 Datasheet
50Kb / 1P
LED Numeric Display Three Digit (0.36)
logo
BetLux Electronics
BL-T36G-31 BETLUX-BL-T36G-31 Datasheet
343Kb / 5P
9.20mm (0.36) Three digit numeric display series
REV NO: V.2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com