Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DUG12C Datasheet(PDF) 1 Page - SunLED Corporation

Part # DUG12C
Description  12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

DUG12C Datasheet(HTML) 1 Page - SunLED Corporation

  DUG12C Datasheet HTML 1Page - SunLED Corporation DUG12C Datasheet HTML 2Page - SunLED Corporation DUG12C Datasheet HTML 3Page - SunLED Corporation DUG12C Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 05,2008
Drawing No : SDSA2070
V4
Checked : B.L.LIU
P.1/4
Part Number:
DUG12C
12.7mm (0.5”) SINGLE DIGIT NUMERIC DISPLAY
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice
.
Part
Number
Emitting
Color
Emitting
Material
Luminous
Intensity
(IF=10mA)
ucd
Wavelength
nm
λ P
Description
min.
typ.
DUG12C
Green
GaP
1900
10490
565
Common Cathode,Rt.Hand Decimal
Absolute Maximum Ratings
(TA=25°C)
UG
(GaP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
25
mA
Forward Current (peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
140
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm below package base]
260°C For 3~5 Seconds
UG
(GaP)
Unit
Forward Voltage (Typ.)
(IF=10mA)
VF
2.0
V
Forward Voltage (Max.)
(IF=10mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=10mA)
λ P
565
nm
Wavelength Of Domi-
nant Emission (Typ.)
(IF=10mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=10mA)
Δλ
30
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
15
pF
Operating Characteristics
(TA=25°C)
Features
0.5 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.


Similar Part No. - DUG12C

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
DUG127A-A SUNLED-DUG127A-A Datasheet
210Kb / 5P
127mm (5.0) SEVEN SEGMENT DISPLAY
DUG127C-A SUNLED-DUG127C-A Datasheet
210Kb / 5P
127mm (5.0?? SEVEN SEGMENT DISPLAY
DUG12A SUNLED-DUG12A Datasheet
177Kb / 4P
12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
More results

Similar Description - DUG12C

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
SA05-11YWA KINGBRIGHT-SA05-11YWA Datasheet
197Kb / 4P
12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SA05-11EWA KINGBRIGHT-SA05-11EWA Datasheet
197Kb / 4P
12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
SC05-11SRWA KINGBRIGHT-SC05-11SRWA Datasheet
195Kb / 4P
12.7mm (0.5INCH) SINGLE DIGIT NUMERIC DISPLAY
logo
SunLED Corporation
DMR12A SUNLED-DMR12A Datasheet
176Kb / 4P
12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DMR12C SUNLED-DMR12C Datasheet
176Kb / 4P
12.7mm (0.5?? SINGLE DIGIT NUMERIC DISPLAY
DUR12A SUNLED-DUR12A Datasheet
176Kb / 4P
12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DUR12C SUNLED-DUR12C Datasheet
177Kb / 4P
12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DUG12A SUNLED-DUG12A Datasheet
177Kb / 4P
12.7mm (0.5) SINGLE DIGIT NUMERIC DISPLAY
DUY12A SUNLED-DUY12A Datasheet
178Kb / 4P
12.7mm (0.5?? SINGLE DIGIT NUMERIC DISPLAY
DUY12C SUNLED-DUY12C Datasheet
178Kb / 4P
12.7mm (0.5?? SINGLE DIGIT NUMERIC DISPLAY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com