Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STGP10N60 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGP10N60
Description  N-CHANNEL 10A - 600V TO-220 LOGIC LEVEL IGBT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGP10N60 Datasheet(HTML) 3 Page - STMicroelectronics

  STGP10N60 Datasheet HTML 1Page - STMicroelectronics STGP10N60 Datasheet HTML 2Page - STMicroelectronics STGP10N60 Datasheet HTML 3Page - STMicroelectronics STGP10N60 Datasheet HTML 4Page - STMicroelectronics STGP10N60 Datasheet HTML 5Page - STMicroelectronics STGP10N60 Datasheet HTML 6Page - STMicroelectronics STGP10N60 Datasheet HTML 7Page - STMicroelectronics STGP10N60 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ELECTRICAL CHARACTERISTICS (continued)
SWITCHING ON
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
td(on)
tr
Delay Time
Rise Time
VCC = 480 V
I C =8 A
VGE=5 V
R G =1 K
Ω
0.7
1.9
µs
µs
(di/dt)on
Eon
Turn-on Current Slope
Turn-on
Switching Losses
VCC =480 V
I C =8 A
RG =1 K
Ω
V GE =5 V
Tj =125
oC
5
2.5
A/
µs
mJ
SWITCHING OFF
Symbo l
Parameter
Test Con ditions
Min.
Typ.
Max.
Unit
tc
tr(voff)
tf
Eoff(**)
Cross-O ver Time
Off Volt age Rise Time
Fall T ime
Turn-off Swit ching Loss
VCC =480 V
IC =8 A
RGE =1 K
Ω
VGE =5 V
Tj =25
oC
4
2.5
1.5
9.0
µs
µs
µs
mJ
tc
tr(voff)
tf
Eoff(**)
Cross-O ver Time
Off Volt age Rise Time
Fall T ime
Turn-off Swit ching Loss
VCC =480 V
IC =8 A
RGE =1 K
Ω
VGE =5 V
Tj = 125
oC
6
3.3
2.5
10.8
µs
µs
µs
mJ
(
•) Pulse width limited by safe operating area
(
∗) Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
(**)Losses Include Also The Tail (Jedec Standardization)
Safe Operating Area
Thermal Impedance
STGP10N60L
3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com