Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EMRF100M Datasheet(PDF) 1 Page - SunLED Corporation

Part # EMRF100M
Description  3.81mmx19.05mm LED LIGHT BAR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

EMRF100M Datasheet(HTML) 1 Page - SunLED Corporation

  EMRF100M Datasheet HTML 1Page - SunLED Corporation EMRF100M Datasheet HTML 2Page - SunLED Corporation EMRF100M Datasheet HTML 3Page - SunLED Corporation EMRF100M Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Part Number
: EMRF100M
3.81mmx19.05mm LED LIGHT BAR
Published Date : MAR 19, 2008
Drawing No : SDSA1127
V5
Checked : Shin Chi
P.1/4
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
min.
typ.
EMRF100M
Red
GaAlAs
White Diffused
50
198
660
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND
MOUNTS.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MR
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
155
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Lead Solder Temperature
[2mm Below Package Base]
260°C For 3~5 Seconds
MR
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.85
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
660
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
640
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
20
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Operating Characteristics
(TA=25°C)
R.
CH
EN
數位簽署者:R.
CHEN
DN:cn=R.
CHEN, o=SPEC
專用, ou=SPEC專
用,
email=fangdh@c
n.kingbright.com,
c=<無>
日期︰2008.03.19
16:45:49 +08'00'


Similar Part No. - EMRF100M

ManufacturerPart #DatasheetDescription
logo
GOOD SKY ELECTRIC CO., ...
EMR GOODSKY-EMR Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3G GOODSKY-EMR-103DB-3G Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3N GOODSKY-EMR-103DB-3N Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3O GOODSKY-EMR-103DB-3O Datasheet
514Kb / 4P
General Purpose Relay
EMR-103DB-3S GOODSKY-EMR-103DB-3S Datasheet
514Kb / 4P
General Purpose Relay
More results

Similar Description - EMRF100M

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB2635EW KINGBRIGHT-KB2635EW Datasheet
200Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
KB2735YW KINGBRIGHT-KB2735YW Datasheet
199Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
KB2835SGD KINGBRIGHT-KB2835SGD Datasheet
197Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
KB-F100SRW KINGBRIGHT-KB-F100SRW Datasheet
198Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
logo
SunLED Corporation
EUY2735M SUNLED-EUY2735M Datasheet
177Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
EUR2635M SUNLED-EUR2635M Datasheet
174Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
EMG2835D SUNLED-EMG2835D Datasheet
179Kb / 4P
3.81mmx19.05mm LED LIGHT BAR
logo
Kingbright Corporation
KB2735SYKW KINGBRIGHT-KB2735SYKW Datasheet
351Kb / 6P
3.81mmx19.05mm LED LIGHT BAR
KB2835CGKD KINGBRIGHT-KB2835CGKD Datasheet
345Kb / 6P
3.81mmx19.05mm LED LIGHT BAR
KB-F100SURKW KINGBRIGHT-KB-F100SURKW Datasheet
348Kb / 6P
3.81mmx19.05mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com